Electronic Components Datasheet Search
  English  ▼

X  

IS660 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IS660
Description  HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IS660 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IS660 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS660 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS660 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92260m-AAS/A1
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.4
V
I
F = 10mA
Reverse Voltage (V
R)
6
V
I
R = 10µA
Reverse Current (I
R)
10
µA
V
R = 6V
Output
Collector-emitter Breakdown (BV
CEO )
IS660
200
V
I
C = 1mA
IS661
300
V
I
C = 1mA
IS662
400
V
I
C = 1mA
Collector-base Breakdown (BV
CBO )
IS660
200
V
I
C = 0.1mA
IS661
300
V
I
C = 0.1mA
IS662
400
V
I
C = 0.1mA
Emitter-base Breakdown (BV
EBO )
6
V
I
E = 0.1mA
Collector-emitter Dark Current (I
CEO )
IS661, IS662
1
µA
V
CE = 200V
IS660
1
µA
V
CE = 100V
Coupled
Current Transfer Ratio (CTR)
1000
4000
%
1mA I
F , 2V VCE
Collector-emitter Saturation VoltageV
CE(SAT)
1.2
V
20mA I
F , 100mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Input-output Capacitance
Cf
1
pF
V = 0, f =1MHz
Cut-off frequency
fc
1
kHz
V
CE = 2V, IC= 20mA,
R
L = 100Ω, RBE= open
Output Rise Time
tr
300
µs
V
CE = 2V, IC= 20mA,
Output Fall Time
tf
100
µs
R
L = 100Ω, RBE= open
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
7/12/00
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Input
Output
10%
90%
10%
90%
t
off
t
r
t
on
t
f
Output
V
CC
I
C = 20mA
Input
FIGURE 1
100
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com