Electronic Components Datasheet Search
  English  ▼

X  

MAX16828 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16828
Description  MAX16828 Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16828 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16828 Datasheet HTML 1Page - Maxim Integrated Products MAX16828 Datasheet HTML 2Page - Maxim Integrated Products MAX16828 Datasheet HTML 3Page - Maxim Integrated Products MAX16828 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The MAX16828 evaluation kit (EV kit) is a fully assem-
bled and tested PCB that demonstrates a current-
controlled, high-output-current LED driver with accurate
current control based on the MAX16828 current regula-
tor. The EV kit features pulse-width modulation (PWM)
dimming control and is configured for preset output
currents of 100mA or 200mA. The EV kit can operate
from a single power supply at voltages between 6.5V
and 40V. The MAX16828 EV kit also evaluates the
MAX16815 IC; contact the factory for a free sample of
the MAX16815 IC.
Warning
: Under severe fault or failure conditions, this
EV kit may dissipate large amounts of power. Operate
this EV kit with care to avoid possible personal injury.
Features
o 6.5V to 40V Input Supply Voltage Range
o 100mA/200mA Output Current
o Wide-Range Dimming Control with PWM
o 5V Regulated Output with 4mA Source Capability
o Lead(Pb)-Free and RoHS Compliant
o Fully Assembled and Tested
MAX16828 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-4394; Rev 0; 12/08
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Component Suppliers
DESIGNATION
QTY
DESCRIPTION
C1, C2
2
0.1µF ±10%, 50V X7R ceramic
capacitors (0603)
Murata GRM188R71H104K
TDK C1608X7R1H104K
JU1
1
2-pin header
R1
1
100k
Ω ±5% resistor (0603)
R2, R3
2
1
Ω, 1/4W ±1% resistors (0805)
Susumu RL12205-1R0-F
DESIGNATION
QTY
DESCRIPTION
U1
1
200mA adjustable high-brightness
LED driver (6 TDFN-EP*)
Maxim MAX16828ATT+
V5
1
Test point
—
1
Shunt
—
1
PCB: MAX16828 Evaluation Kit+
SUPPLIER
PHONE
WEBSITE
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Susumu International USA
208-328-0307
www.susumu-usa.com
TDK Corp.
847-803-6100
www.component.tdk.com
PART
TYPE
MAX16828EVKIT+
EV Kit
+Denotes lead(Pb)-free and RoHS compliant.
Note: Indicate that you are using the MAX16828 when contacting these component suppliers.
*
EP = Exposed pad.


Similar Part No. - MAX16828

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16828 MAXIM-MAX16828 Datasheet
198Kb / 11P
High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
MAX16828ASA+ MAXIM-MAX16828ASA+ Datasheet
198Kb / 11P
High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
MAX16828ATT+ MAXIM-MAX16828ATT+ Datasheet
198Kb / 11P
High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
More results

Similar Description - MAX16828

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com