Electronic Components Datasheet Search
  English  ▼

X  

MAX16831 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16831
Description  MAX16831 Evaluation Kit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16831 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16831 Datasheet HTML 1Page - Maxim Integrated Products MAX16831 Datasheet HTML 2Page - Maxim Integrated Products MAX16831 Datasheet HTML 3Page - Maxim Integrated Products MAX16831 Datasheet HTML 4Page - Maxim Integrated Products MAX16831 Datasheet HTML 5Page - Maxim Integrated Products MAX16831 Datasheet HTML 6Page - Maxim Integrated Products MAX16831 Datasheet HTML 7Page - Maxim Integrated Products MAX16831 Datasheet HTML 8Page - Maxim Integrated Products MAX16831 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CLK OUTPUT
The MAX16831 EV kit features a buffered digital clock
output, CLKOUT. The MAX16831 PWM clock frequen-
cy is programmed to 300kHz by resistor R13. To syn-
chronize the MAX16831 EV kit to an external clock
signal, connect a clock signal with a 2.8V to 5.5V
logic level and 125kHz to 500kHz square wave at the
RTSYNC PCB pad. Refer to the
Oscillator, Clock, and
Synchronization section in the MAX16831 IC data
sheet for information on setting the MAX16831 IC
PWM frequency.
Output Overvoltage Protection
The maximum voltage on the LED+ PCB pad is limited
to 70.8V, with respect to GND, by a feedback network
formed by resistors R9 and R10. When the voltage at
LED+ exceeds the programmed 70.8V threshold,
PWM switching is terminated and no further energy is
transferred to the load connected between LED+ and
LED-. Refer to the
Setting the Overvoltage Threshold
section in the MAX16831 IC data sheet for setting the
overvoltage threshold.
If the EV kit is turned on with no load, the voltage at
LED+ may rise to unsafe levels. Even though the EV
kit has overvoltage protection, connect the speci-
fied load before powering up the EV kit.
MAX16831 Evaluation Kit
4
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com