Electronic Components Datasheet Search
  English  ▼

X  

MAX16833 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16833
Description  MAX16833 Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16833 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16833 Datasheet HTML 1Page - Maxim Integrated Products MAX16833 Datasheet HTML 2Page - Maxim Integrated Products MAX16833 Datasheet HTML 3Page - Maxim Integrated Products MAX16833 Datasheet HTML 4Page - Maxim Integrated Products MAX16833 Datasheet HTML 5Page - Maxim Integrated Products MAX16833 Datasheet HTML 6Page - Maxim Integrated Products MAX16833 Datasheet HTML 7Page - Maxim Integrated Products MAX16833 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluates: MAX16833/MAX16833B
MAX16833 Evaluation Kit
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
19-5299; Rev 1; 10/12
General Description
The MAX16833 evaluation kit (EV kit) provides a proven
design to evaluate the MAX16833 high-voltage HB LED
driver with integrated high-side current sense. The EV
kit is set up for boost and buck-boost configurations
and operates from a 5V to 18V DC supply voltage. The
EV kit is configured to deliver up to 1A to one string of
LEDs. The total voltage of the string can vary from 3V to
36V. The anode of the LED string should be connected
to the LED+ terminal. The cathode of the LED string can
be connected either to the PGND (boost mode) or LED-
(buck-boost mode) terminal. In the case of the boost
mode, the input voltage should not exceed the LED
string voltage.
The EV kit PCB comes with a MAX16833AUE+ installed,
which is the frequency-dithering version. The EV kit also
comes with the pin-compatible MAX16833BAUE+, which
is the reference-voltage output version.
Features
S
Configured for Boost and Buck-Boost
S
Analog Dimming Control
S
Proven PCB Layout
S
Fully Assembled and Tested
Component List
+Denotes lead(Pb)-free and RoHS compliant.
Ordering Information
PART
TYPE
MAX16833EVKIT+
EV Kit
DESIGNATION
QTY
DESCRIPTION
C1
1
22FF Q20%, 50V electrolytic
capacitor (6.3mm x 7.7mm)
SUN Electronic 50CE22PC
C2, C5, C13,
C14
4
4.7FF Q10%, 100V X7R ceramic
capacitors (2220)
Murata GRM55ER72A475K
C3, C4
2
1FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C05K
C6, C11, C15
3
4.7FF Q10%, 50V X7R ceramic
capacitors (1210)
Murata GRM32ER71H475K
C7, C10
2
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C8
1
680pF Q5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H681JA01D
C9
1
33000pF Q10%, 16V X7R
ceramic capacitor (0603)
Murata GRM188R71C333KA01D
DESIGNATION
QTY
DESCRIPTION
C12
1
4.7FF Q10%, 25V X7R ceramic
capacitor (1206)
Murata GRM31CR71E475M
C16
1
0.1FF Q10%, 50V X7R ceramic
capacitor (0603)
Murata GRM188R71H104K
C17
1
22pF Q10%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H220J
C18
1
1000pF Q10%, 50V X7R ceramic
capacitor (0603)
Murata GCM188R71H102KA37D
D1
1
100V, 3A Schottky diode (SMC)
Vishay 30BQ100TRPbF
D2
1
75V, 15mA diode (3 SOT323)
Diodes Inc. MMBD4148W
D3
0
Not installed, diode (3 SOT323)
D4
1
40V, 350mA Schottky diode
(3 SOD323)
Diodes Inc. SD103AWS-7-F
JU1, JU2
2
2-pin headers
JU3
1
3-pin header


Similar Part No. - MAX16833

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16833AUE+ MAXIM-MAX16833AUE+ Datasheet
1Mb / 22P
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833AUE+ MAXIM-MAX16833AUE+ Datasheet
1Mb / 22P
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16833AUE+ MAXIM-MAX16833AUE+ Datasheet
923Kb / 25P
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
More results

Similar Description - MAX16833

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com