Electronic Components Datasheet Search
  English  ▼

X  

MAX16835 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16835
Description  MAX16836 Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16835 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16835 Datasheet HTML 1Page - Maxim Integrated Products MAX16835 Datasheet HTML 2Page - Maxim Integrated Products MAX16835 Datasheet HTML 3Page - Maxim Integrated Products MAX16835 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The MAX16836 evaluation kit (EV kit) demonstrates a
current-controlled, high-output-current LED driver
based on the MAX16836 current regulator. The EV kit is
capable of supplying regulated output currents of up to
350mA and runs at supply voltages between 6.5V to
40V.
The MAX16836 EV kit features a PWM dimming control,
user-selectable three-level output-current setting, and a
5V regulated output, which supplies up to 4mA of out-
put current. The MAX16836 EV kit also evaluates the
MAX16835 IC; contact the factory for a free sample of
the MAX16835 IC.
Features
o 6.5V to 40V Supply Voltage Range
o Selectable 150mA, 250mA, or 350mA Output
Current
o 5V Regulated Output with 4mA Source Capability
o Wide-Range Dimming Control with PWM
o Lead(Pb)-Free and RoHS Compliant
o Fully Assembled and Tested
MAX16836 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-4408; Rev 0; 1/09
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Component Suppliers
DESIGNATION
QTY
DESCRIPTION
CS+, V5
2
Test points
C1, C2
2
0.1µF ±10%, 50V X7R ceramic
capacitors (0603)
Murata GRM188R71H104K
TDK C1608X7R1H104K
JU1
1
2-pin header
JU2
1
3-pin header
R1
1
0.56
Ω ±1%, 1/4W resistor (0805)
Susumu RP2012T-R56-F
DESIGNATION
QTY
DESCRIPTION
R2
1
0.82
Ω ±1%, 1/4W resistor (0805)
Susumu RP2012T-R82-F
R3, R4
2
100k
Ω ±5% resistors (0603)
U1
1
350mA adjustable high-brightness
LED driver (16 TQFN)
Maxim MAX16836ATE+
—
2
Shunts
—
1
PCB: MAX16836 Evaluation Kit+
SUPPLIER
PHONE
WEBSITE
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Susumu International USA
208-328-0307
www.susumu-usa.com
TDK Corp.
847-803-6100
www.component.tdk.com
PART
TYPE
MAX16836EVKIT+
EV Kit
+
Denotes lead(Pb)-free and RoHS compliant.
Note: Indicate that you are using the MAX16836 when contacting these component suppliers.


Similar Part No. - MAX16835

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
MAX16835ATE MAXIM-MAX16835ATE Datasheet
155Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
More results

Similar Description - MAX16835

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com