Electronic Components Datasheet Search
  English  ▼

X  

41N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # 41N60
Description  Ultra-Low VCE(sat) IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

41N60 Datasheet(HTML) 1 Page - IXYS Corporation

  41N60 Datasheet HTML 1Page - IXYS Corporation 41N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Ultra-Low V
CE(sat) IGBT
IXGH 41N60
V
CES
= 600 V
I
C25
= 76 A
V
CE(sat)
= 1.6 V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C; RGE = 1 MW
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C76
A
I
C90
T
C
= 90
°C41
A
I
CM
T
C
= 25
°C, 1 ms
152
A
SSOA
V
GE= 15 V, TVJ = 125°C, RG = 10 W
I
CM = 76
A
(RBSOA)
Clamped inductive load, L = 100
mH
@ 0.8 V
CES
P
C
T
C
= 25
°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque (M3)
1.13/10
Nm/lb.in.
Weight
6g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
mA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 250
mA, V
CE = VGE
2.5
5
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
200
mA
V
GE = 0 V
T
J = 125°C1
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
1.6
V
Features
• International standard package
JEDEC TO-247 AD
• Newest generation HDMOSTM
process
• Low V
CE(sat)
- for minimum on-state conduction
losses
• High current handling capability
• MOS Gate turn-on
- drive simplicity
Applications
• AC motor speed control
• DC servo and robot drives
• DC choppers
• Solid state relays
• Lighting controls
• Temperature regulators
Advantages
• Easy to mount with 1 screw
(isolated mounting screw hole)
• Low losses, high efficiency
• High power density
97546(1/98)
TO-247 AD
G
C
E
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - 41N60

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
41NF10RE OHMITE-41NF10RE Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
41NF10RE OHMITE-41NF10RE Datasheet
378Kb / 2P
All-welded construction
41NF1K0E OHMITE-41NF1K0E Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
41NF1K0E OHMITE-41NF1K0E Datasheet
378Kb / 2P
All-welded construction
41NF1R0E OHMITE-41NF1R0E Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
More results

Similar Description - 41N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN60N60 IXYS-IXGN60N60 Datasheet
67Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH31N60 IXYS-IXGH31N60 Datasheet
55Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH31N60U1 IXYS-IXGH31N60U1 Datasheet
46Kb / 2P
Ultra-Low VCE(sat) IGBT with Diode
IXGH38N60 IXYS-IXGH38N60 Datasheet
45Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH38N60U1 IXYS-IXGH38N60U1 Datasheet
46Kb / 2P
Ultra-Low VCE(sat) IGBT with Diode
IXGH60N60 IXYS-IXGH60N60 Datasheet
95Kb / 4P
Ultra-Low VCE(sat) IGBT
IXGM30N60 IXYS-IXGM30N60 Datasheet
64Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXSM25N100 IXYS-IXSM25N100 Datasheet
102Kb / 6P
Low VCE(sat) IGBT, High Speed IGBT
IXSM30N60 IXYS-IXSM30N60 Datasheet
241Kb / 2P
Low VCE(sat) IGBT, High Speed IGBT
IXSM40N60 IXYS-IXSM40N60 Datasheet
91Kb / 6P
Low VCE(sat) IGBT, High Speed IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com