Electronic Components Datasheet Search
  English  ▼

X  

FTA1275 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1275
Description  TRANSISTOR (PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1275 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1275 Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
TECHNICAL D ATA
FTA1275
2011. 10. 31
1/1
Revision No : 0
1. EMITTER
2. COLLECTOR
3. BASE
FTA1275
TRANSISTOR (PNP)
FEATURES
High Voltage
Large Continuous Collector Current Capability
Complementary to FTC3228
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -1mA,IE=0
-160
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-150V,IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-6V,IC=0
-1
μA
DC current gain
hFE
VCE=-5V, IC=-200mA
60
320
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-1.5
V
Base-emitter voltage
VBE
VCE=-5V, IC=-5mA
-0.45
-0.75
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
35
pF
Transition frequency
fT
VCE=-5V,IC=-200mA
15
MHz
CLASSIFICATION OF hFE
Y
O
R
K
N
A
R
RANGE
0
2
3
-
0
6
1
0
0
2
-
0
0
1
0
2
1
-
0
6
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VCBO
V
0
6
1
-
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
6
1
-
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
6
-
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
1
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
5
7
.
0
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
167
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
TO-92L
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
8.2 MAX
5.1 MAX
1.58 MAX
0.7 TYP
1.27 TYP
2.54 TYP
14.20 MAX
D
G
F
E
E
0.55 MAX
B
0.45 MAX
4.10 MAX
L
C
1
2
3


Similar Part No. - FTA1275

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1270 FS-FTA1270 Datasheet
190Kb / 2P
General Purpose Transistor PNP Silicon
FTA1271 FS-FTA1271 Datasheet
287Kb / 2P
General Purpose Transistor PNP Silicon
FTA1274 FS-FTA1274 Datasheet
106Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - FTA1275

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com