Electronic Components Datasheet Search
  English  ▼

X  

LM34910 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34910
Description  High Voltage (40V, 1.25A) Step Down Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34910 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM34910 Datasheet HTML 1Page - National Semiconductor (TI) LM34910 Datasheet HTML 2Page - National Semiconductor (TI) LM34910 Datasheet HTML 3Page - National Semiconductor (TI) LM34910 Datasheet HTML 4Page - National Semiconductor (TI) LM34910 Datasheet HTML 5Page - National Semiconductor (TI) LM34910 Datasheet HTML 6Page - National Semiconductor (TI) LM34910 Datasheet HTML 7Page - National Semiconductor (TI) LM34910 Datasheet HTML 8Page - National Semiconductor (TI) LM34910 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM34910
High Voltage (40V, 1.25A) Step Down Switching
Regulator
General Description
The LM34910 Step Down Switching Regulator features all of
the functions needed to implement a low cost, efficient, buck
bias regulator capable of supplying 1.25A to the load. This
buck regulator contains a 40V N-Channel Buck Switch, and
is available in the thermally enhanced LLP-10 package. The
hysteretic regulation scheme requires no loop compensa-
tion, results in fast load transient response, and simplifies
circuit implementation. The operating frequency remains
constant with line and load variations due to the inverse
relationship between the input voltage and the on-time. The
current limit detection is set at 1.25A. Additional features
include: VCC under-voltage lockout, thermal shutdown, gate
drive under-voltage lockout, and maximum duty cycle limiter.
Features
n
Integrated 40V, N-Channel buck switch
n
Integrated start-up regulator
n
Input Voltage Range: 8V to 36V
n
No loop compensation required
n
Ultra-Fast transient response
n
Operating frequency remains constant with load current
and input voltage
n
Maximum Duty Cycle Limited During Start-Up
n
Adjustable output voltage
n
Valley Current Limit At 1.25A
n
Precision internal reference
n
Low bias current
n
Highly efficient operation
n
Thermal shutdown
Typical Applications
n
High Efficiency Point-Of-Load (POL) Regulator
n
Non-Isolated Telecommunication Buck Regulator
n
Secondary High Voltage Post Regulator
Package
n
LLP-10 (4 mmx4mm)
n
Exposed Thermal Pad For Improved Heat Dissipation
Connection Diagram
20110902
10-Lead LLP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM34910SD
LLP-10 (4x4)
SDC10A
1000 Units on Tape and Reel
LM34910SDX
LLP-10 (4x4)
SDC10A
4500 Units on Tape and Reel
February 2005
© 2005 National Semiconductor Corporation
DS201109
www.national.com


Similar Part No. - LM34910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34910 TI1-LM34910 Datasheet
874Kb / 17P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910 Datasheet
845Kb / 18P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910 TI2-LM34910 Datasheet
535Kb / 20P
LM34910 High Voltage (40V, 1.25A) Step Down Switching Regulator
REVISED MARCH 2013
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
More results

Similar Description - LM34910

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com