Electronic Components Datasheet Search
  English  ▼

X  

LX1744 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1744
Description  Dual Output Boost - LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1744 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1744 Datasheet HTML 1Page - Microsemi Corporation LX1744 Datasheet HTML 2Page - Microsemi Corporation LX1744 Datasheet HTML 3Page - Microsemi Corporation LX1744 Datasheet HTML 4Page - Microsemi Corporation LX1744 Datasheet HTML 5Page - Microsemi Corporation LX1744 Datasheet HTML 6Page - Microsemi Corporation LX1744 Datasheet HTML 7Page - Microsemi Corporation LX1744 Datasheet HTML 8Page - Microsemi Corporation LX1744 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LX1744
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Dual Output Boost – LED Driver / LCD Bias
I N T E GR A T ED
PRODUCT S
Copyright
© 2000
Rev. 1.1b, 2005-03-01
SI MPLIFI ED BLOCK DI AGRAM
Control
Logic
Reference
Logic
BRT
LFB
Shutdown
Logic
LSHDN
CS
Driver
GND
DRV
IN
4
µA
SRC
2.5M
Ω
50pF
SHDN
Control
Logic
Reference
Logic
ADJ
FB
Driver
SW
4
µA
2.5M
Ω
50pF
OVP
REF
Figure –
Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com