Electronic Components Datasheet Search
  English  ▼

X  

LX1744CPW Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1744CPW
Description  Dual Output Boost - LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1744CPW Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1744CPW Datasheet HTML 3Page - Microsemi Corporation LX1744CPW Datasheet HTML 4Page - Microsemi Corporation LX1744CPW Datasheet HTML 5Page - Microsemi Corporation LX1744CPW Datasheet HTML 6Page - Microsemi Corporation LX1744CPW Datasheet HTML 7Page - Microsemi Corporation LX1744CPW Datasheet HTML 8Page - Microsemi Corporation LX1744CPW Datasheet HTML 9Page - Microsemi Corporation LX1744CPW Datasheet HTML 10Page - Microsemi Corporation LX1744CPW Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LX1744
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Dual Output Boost – LED Driver / LCD Bias
I N T E GR A T ED
PRODUCT S
Copyright
© 2000
Rev. 1.1b, 2005-03-01
APPLI CATI ON NOTE
FUNCTIONAL DESCRIPTION
The LX1744 is a dual output Pulse Frequency Modulated
(PFM) boost converter that is optimized for large step-up
voltage applications like LCD biasing and LED drive.
Operating in a pseudo-hysteretic mode with a fixed
switch “off time” of 300ns, converter switching is enabled
when the feedback voltage (VFB) falls below the bandgap
reference voltage or the ADJ pin voltage managed by the
reference logic block (see Block Diagram). When this
occurs, the feedback comparator activates the switching
logic, pulling the gate of the power MOSFET high. This in
turn connects the boost inductor to ground causing current
to flow building up the energy stored in the inductor. The
output remains “on”, until the inductor current ramps up to
the peak current level set either by the CS pin programming
resistor (RCS) in the case of the LED driver or by an internal
reference threshold for the LCD bias output. During this
switch cycle, the load is powered from energy stored in the
output capacitor. Once the peak inductor current value is
achieved, the driver output is turned off, for the fixed off-
time period of 300ns, allowing a portion of the energy
stored in the inductor to be delivered to the load causing
output voltage to rise at the input to the feedback circuit. If
the voltage at the feedback pin is less than the internal
reference at the end of the off-time period, the output
switches the power MOSFET “on” and the inductor
charging cycle repeats until the feedback pin voltage is
greater than the internal reference.
Typical converter
switching behavior is shown in Figure 12.
LCD BIAS – OUTPUT VOLTAGE PROGRAMMING
Selecting the appropriate values for LCD Bias output
voltage divider (Figure 3), connected to the feedback pin,
programs the output voltage.
LX1744
V
BAT = 1.6V to 6.0V
SW
V
OUT
R
1
R
2
FB
Figure 3 –
LCD Bias Output Voltage
Using a value between 40k
Ω and 75kΩ for R2 works well
in most applications.
R1 can be determined by the
following equation (where VREF = 1.19V nominal):
REF
REF
OUT
2
1
V
V
-
V
R
R
=
eq. 1
LCD BIAS – OUTPUT VOLTAGE ADJUSTMENT
The LX1744 allows for the dynamic adjustment of the
of the voltage output via an adjustment pin (ADJ). Any
voltage applied to the adjustment pin works in conjunction
with the internal reference logic.
The LX1744 will
automatically utilize the internal reference when no signal
is detected or when the adjustment signal voltage is below
approximately 0.6V.
This adjustment pin includes an internal 50pF capacitor
to ground (Figure 4) that works with an external resistor to
create a low-pass filter. This allows a direct PWM (fPWM ≥
100KHz) signal input to be used for the voltage adjustment
signal. (Consequently a DC bias signal can also be used).
LX1744
ADJ
Reference
Logic
50pF
2.5M
Ω
R
ADJ_1
Figure 4 –
LCD Bias Adjustment Input
Different PWM signal levels can be accommodated by
selecting a value for RPWM such that the filtered VADJ value
is equal to the reference voltage (eq. 2)
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
Ω
Ω
⋅
⋅
=
1
_
PWM
PWM
ADJ
R
M
5
.
2
M
5
.
2
Cycle
Duty
V
V
eq. 2
LX1744
ADJ
C
ADJ
R
ADJ_1
R
ADJ_2
Figure 5 –
LCD Bias Adjustment Input Filter
Ideally the resultant ripple on the ADJ pin should be
approximately 1% or 40dB down from the nominal
reference. When using a PWM with a frequency that is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com