Electronic Components Datasheet Search
  English  ▼

X  

MA8627 Datasheet(PDF) 2 Page - Prolific Technology Inc.

Part # MA8627
Description  USB 2.0 High Speed 3-Port Hub with SD Reader Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

MA8627 Datasheet(HTML) 2 Page - Prolific Technology Inc.

  MA8627 Datasheet HTML 1Page - Prolific Technology Inc. MA8627 Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MA8627 Product Brochure
V0.1 15/11/2016
2
1
o Customized VID, PID
o Number of downstream port
o Product ID
o Serial number
Two LED port indicator mode
o 3 Downstream port LED (enable green) and one Active/Suspend LED(Red)
o One joint Downstream port LED for 3 ports (enable green) and one Active/Suspend
LED(Red)
USB 2.0 SD Card Reader
USB Device Class Definition for Mass Storage , Bulk-Transport v1.0
Single LUN support for SD/MMC card
o Support MMC 4.0/4.1/4.2 (4 bit & 8bit), RS-MMC, MMC-Mobile
o Support Secure Digital Card (SD) specification v1.0/v1.1/v2.0/v3.0 UHS-1 for SDR50 &
SDR104
o Support SD/MMC High Speed , SDR50, SDR104 Mode
Integrated Fast 8051 microprocessor
On chip 5V to 3.3V/1.2V regulator
Package :LQFP-48



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com