Electronic Components Datasheet Search
  English  ▼

X  

PL23B3 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL23B3
Description  USB HID to Serial Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL23B3 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL23B3 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
PL23B3 Product Brochure
v1.0 4/21/19’
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
OVERVIEW
The PL23B3 is a low cost and high performance USB-to-Serial Bridge Controller. The PL23B3 provides a
convenient small-factor solution for connecting an RS232-like full-duplex asynchronous serial device
(TXD/RXD only) to any USB host.
The PL23B3 adapts to standard USB HID class driver which is popular by most operating systems. No
customization driver is needed to be installed. Prolific provide user friendly DLL/API for Operation
System(OS) so that customers can develop applications software easily.
By taking advantage of USB bulk transfer mode and large data buffers, PL23B3 is capable of achieving
higher throughput compared to traditional UART (Universal Asynchronous Receiver Transmitter) ports. The
flexible baud rate generator of PL23B3 also could be programmed to generate any rate between 1 bps to
115 kbps.
FEATURES
Full Compliant with USB Specification v2.0 (Full-Speed)
Full Compliant with USB HID class driver
On-chip USB 1.1 transceiver and 5V to 3.3V regulator
On-chip 96MHz Clock Generator
USB Human Interface Device (HID) class:
- No driver installation needed for Windows, Mac,
Linux, and Android.
- Provides HID-to-I2C SDK (DLL libraries) for
application development.
Full-duplex transmitter and receiver (TXD / RXD)
- Programmable baud rate from 1bps to 115kbps
- Works with existing PC COM Port software
applications(TXD / RXD)
1024-byte bi-directional data FIFO buffers (768-byte
receive/256-byte transmit).
Package type: SOP8
PL23B3
USB HID to Serial Bridge Controller
BLOCK DIAGRAM


Similar Part No. - PL23B3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL2303 ETC1-PL2303 Datasheet
144Kb / 11P
PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
Prolific Technology Inc...
PL2303 PROLIFIC-PL2303 Datasheet
1Mb / 30P
USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL2303 ETC-PL2303 Datasheet
149Kb / 11P
PL-2303 USB to RS-232 Bridge Controller
PL2303EA ETC2-PL2303EA Datasheet
177Kb / 1P
Supports remote wake-up from MODEM input signals
logo
Prolific Technology Inc...
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
USB to Serial Bridge Controller
More results

Similar Description - PL23B3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2303X ETC1-PL-2303X Datasheet
168Kb / 1P
USB to Serial Bridge Controller
AU9720 ETC2-AU9720 Datasheet
277Kb / 16P
USB to Serial Bridge Controller
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
USB HID to I2C Bridge Controller
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
USB HID to SPI Bridge Controller
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
USB to Serial Bridge Controller
PL2303GL PROLIFIC-PL2303GL Datasheet
120Kb / 1P
USB to Serial Bridge Controller
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
USB to Serial Bridge Controller
PL2303TA PROLIFIC-PL2303TA Datasheet
175Kb / 1P
USB to Serial Bridge Controller
PL-2303HX PROLIFIC-PL-2303HX Datasheet
531Kb / 21P
USB to Serial Bridge Controller
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
USB to Serial Bridge Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com