Electronic Components Datasheet Search
  English  ▼

X  

PL2536 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL2536
Description  USB 2.0 to eMMC Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2536 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL2536 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL2536 Product Brochure
V0.3 15/11/2016
1
PL2536
USB 2.0 to eMMC Bridge Controller
The PL2536 is a Hi-Speed USB 2.0 Multi-Partition eMMC bridge controller that can partition the eMMC card
into 3 drive areas: CD-ROM, Public and Security drive. The capacity for each partition can be easily
configured using the PL2536 MP Tool software. The Security partition can be locked and unlocked with a user
password setting. For CD-ROM only application, the Public partition can be removed during MP configuration.
Similarly, for generic USB flash disk application, the CD-ROM partition can also be removed. Customers can
also program their own company and product information (VID/PID, Manufacturer name, Product name, and
Serial Number strings) into the hidden area of the eMMC memory.
The PL2536 has a built-in MOSFET for eMMC cards power supply and built-in 5V to 3.3V/1.2V regulators.
The PL2536 is crystal-less design that saves the system BOM cost.
The PL2536 complies with the USB specification Rev. 2.0 and USB Mass Storage Class specification Rev.1.0.
The PL2536 is plug-and-play and no driver installation needed. The standard USB mass storage drivers are
already built inside Windows, Mac OS, and Linux (kernel 2.4 above) operating systems including Windows 10
and Mac OS X versions.
Features
 Complies with USB Specification Rev. 2.0
 Supports eMMC4.41 Specifications
 Programmable eMMC card partitions:
o
Maximum 3 partitions configuration: CD-ROM, Public, Security
o
Each partition capacity can be easily configured
o
Includes password protection for the Security partition
 Customized VID/PID, serial number and manufacturer/product string information can be stored in
the hidden area of the eMMC card.
System configurations are also stored in the hidden area. (Ex. Write protect, password enable…)
 Auto-run ISO file can be stored in the CD-ROM partition
 Public partition is used for generic USB Flash Drive application
 Configure the features and partitions by MP tool software
 No driver installation needed. USB Mass Storage Class specification compliant. Drivers are already
built-in inside most popular operating systems like Windows, Mac, and Linux.
 Built-in 3.3V MOSEFT for eMMC card power supply
 Built-in 5V to 3.3V and 5V to 1.2V regulators
 In-house Crystal-less Oscillator design to save BOM
 4.5V~5.5V operating power supply
 SSOP28 small-size package


Similar Part No. - PL2536

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL25-CDA02 P-TEC-PL25-CDA02 Datasheet
29Kb / 1P
5MM (T1쩐) LED
PL25-CDG13 P-TEC-PL25-CDG13 Datasheet
29Kb / 1P
5MM (T1쩐) LED
PL25-CDG13 P-TEC-PL25-CDG13 Datasheet
29Kb / 1P
LED
PL25-CDG13 P-TEC-PL25-CDG13_14 Datasheet
75Kb / 1P
Popular 5mm Lens Style flange
PL25-CDR12 P-TEC-PL25-CDR12 Datasheet
29Kb / 1P
5MM (T1쩐) LED
More results

Similar Description - PL2536

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
USB 2.0 to ATA / ATAPI Bridge Controller
logo
Texas Instruments
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
USB TO USB BRIDGE CONTROLLER
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811S GENESYS-GL811S Datasheet
935Kb / 5P
USB 2.0 to ATA/ATAPI Bridge Controller
GL830 GENESYS-GL830 Datasheet
416Kb / 29P
USB 2.0 to SATA Bridge Controller
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
USB 2.0 To ATA/ATAPI Bridge Controller
logo
Prolific Technology Inc...
PL2732 PROLIFIC-PL2732 Datasheet
346Kb / 1P
USB 3.0 eMMC Storage Controller
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
USB to Serial Bridge Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com