Electronic Components Datasheet Search
  English  ▼

X  

PL2731 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL2731
Description  USB 3.0 Single LUN Mass Storage Card Reader
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2731 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL2731 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL2731 Product Brochure
V1.0 5/14/2015
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
1
PL2731 (QFN32 Package)
USB 3.0 Single-LUN Mass Storage Card Reader
The PL2731 is a SuperSpeed USB to Single LUN SD/MMC card reader. It supports USB Mass Storage
Class Bulk Only Transfer specification to access Secure Digital card up to SD3.0 UHS-I SDR104.
The PL2731 integrates USB transceiver, LDO regulator for SD card power, SD UHS-I IO interface
regulator, logic core and GPIO to achieve a very low BOM cost. The controller supports optional SPI
flash interface for system firmware.
FEATURES
SuperSpeed USB 3.0 Storage Controller
Solution
Support SuperSpeed, Hi-Speed, and
Full-speed USB operations
Support USB Mass Storage Class
Bulk-Only Transport Specification
Supports Secure Digital
TM card (SDSC,
SDHC, SDXC, up to v3.01 UHS-I SDR104)
and MultiMediaCard
TM (MMC) up to
v4.2
Optional SPI interface for system
firmware
Built-in 3.3V/1.8V/1.2V LDO regulators
to achieve very low BOM cost.
5mmx5mm QFN32 Package
BLOCK DIAGRAM


Similar Part No. - PL2731

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL2732 PROLIFIC-PL2732 Datasheet
346Kb / 1P
USB 3.0 eMMC Storage Controller
PL2733 PROLIFIC-PL2733 Datasheet
361Kb / 1P
USB 3.0 iOS/Generic Storage Controller
More results

Similar Description - PL2731

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
logo
Renesas Technology Corp
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
USB Mass Storage Class
logo
GENESYS LOGIC
GL3233 GENESYS-GL3233 Datasheet
93Kb / 6P
USB 3.0 Single-LUN Memory Card Reader Controller Product Overview
logo
Micron Technology
MTEDCAE002SAJ MICRON-MTEDCAE002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
MTEDCAR002SAJ MICRON-MTEDCAR002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
MTEDCBE002SAJ MICRON-MTEDCBE002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
MTEDCBR002SAJ MICRON-MTEDCBR002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
logo
GENESYS LOGIC
GL3224 GENESYS-GL3224 Datasheet
691Kb / 25P
USB 3.0 Dual/Single LUN Memory Card Reader Controller
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com