Electronic Components Datasheet Search
  English  ▼

X  

PL2732 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL2732
Description  USB 3.0 eMMC Storage Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2732 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL2732 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL2732 Product Brochure
V1.0 5/14/2015
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
1
PL2732 (LQFP48 Package)
USB 3.0 eMMC Storage Controller
The PL2732 is a SuperSpeed USB to 8-bit eMMC reader controller. It supports USB Mass Storage
Class Bulk Only Transfer specification to access eMMC up to HS200.
The PL2732 supports JBOD function to merge two 4-bit eMMC into a single LUN USB drive.
The PL2732 integrates USB transceiver, LDO regulator for SD card power, SD UHS-I IO interface
regulator, logic rcre and GPIO and achieve a very low BOM cost. The controller supports optional
SPI flash interface to store system firmware
FEATURES
SuperSpeed USB 3.0 Storage Controller
Solution
Support SuperSpeed, Hi-Speed, and
Full-speed USB operations
Support USB Mass Storage Class
Bulk-Only Transport Specification
Supports eMMC up to eMMC 5.0 HS200
Support JBOD to merger two 4-bit eMMC
into one big capacity USB drive
Optional SPI interface for system
firmware
Built-in 3.3V/1.8V/1.2V LDO regulators
to achieve very low BOM cost.
9mmx9mm LQFP48 Package
BLOCK DIAGRAM


Similar Part No. - PL2732

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
USB 3.0 Single LUN Mass Storage Card Reader
PL2733 PROLIFIC-PL2733 Datasheet
361Kb / 1P
USB 3.0 iOS/Generic Storage Controller
More results

Similar Description - PL2732

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD-PCTU3 ETC2-HD-PCTU3 Datasheet
396Kb / 2P
Portable USB 3.0 Storage for PC and Mac
logo
Texas Instruments
TUSB7320 TI1-TUSB7320_15 Datasheet
5Mb / 117P
USB 3.0 xHCI Host Controller
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
Cypress Semiconductor
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
SD2??USB and Mass Storage Peripheral Controller
CYUSB302X CYPRESS-CYUSB302X Datasheet
779Kb / 34P
SD3??USB and Mass Storage Peripheral Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
USB 3.0 Hub Controller
logo
Prolific Technology Inc...
PL2536 PROLIFIC-PL2536 Datasheet
217Kb / 1P
USB 2.0 to eMMC Bridge Controller
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
USB 3.0 Single LUN Mass Storage Card Reader
PL2733 PROLIFIC-PL2733 Datasheet
361Kb / 1P
USB 3.0 iOS/Generic Storage Controller
logo
List of Unclassifed Man...
EJ168A ETC-EJ168A Datasheet
1Mb / 11P
USB 3.0 Host Controller
Revision 1.4 Nov 5, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com