Electronic Components Datasheet Search
  English  ▼

X  

IL400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL400
Description  Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL400 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL400 Datasheet HTML 1Page - Vishay Siliconix IL400 Datasheet HTML 2Page - Vishay Siliconix IL400 Datasheet HTML 3Page - Vishay Siliconix IL400 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 83626
Rev. 1.5, 26-Oct-04
IL400
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Parameter
Test condition
Symbol
Value
Unit
Reverse gate voltage
VRG
6.0
V
Anode voltage (DC or AC Peak)
VA
400
V
Anode current
IA
100
mA
Surge anode current (10 ms duration)
IAS
1.0
A
Surge gate current (5.0 ms duration)
IGS
200
mA
Power dissipation
Pdiss
200
mW
Derate linearly from 25 °C
2.11
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Isolation voltage
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
> 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
> 1012
Ω
Total package dissipation
250
mW
Derate linearly from 25 °
2.63
mW/°C
Operating temperature
Tamb
- 55 to +100
°C
Storage temperature
Tstg
- 55 to +150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 20 mA
VF
1.2
1.5
V
Reverse voltage
I R = 10 µAVR
5.0
V
Reverse current
VR = 5.0 V
IR
10
µA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward blocking voltage
RGK = 10 KΩ , TA = 100 °C ,
Id = 150 µA
VDRM
400
V
Reverse blocking voltage
RGK = 10 KΩ , TA = 100 °C ,
Id = 150 µA
VDRRM
400
V
On-state voltage
IT = 100 mA
Vt
1.2
V
Holding current
RGK = 27 KΩ , VFX = 50 V
IH
500
µA
Gate trigger voltage
VFX = 100 V, RGK = 27 KΩ,
RL = 10 KΩ
VGT
0.6
1.0
V
Forward leakage current
RGK = 27 KΩ , IF = 0
ID
0.2
2.0
µA
Reverse leakage current
RGK = 27 KΩ , IF = 0
IR
0.2
2.0
µA
Gate trigger current
VFX = 100 V, RGK = 27 KΩ,
RL = 10 KΩ
IGT
20
50
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com