Electronic Components Datasheet Search
  English  ▼

X  

PL2733 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL2733
Description  USB 3.0 iOS/Generic Storage Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2733 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL2733 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL2733 Product Brochure
V1.0 5/14/2015
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
1
PL2733 (QFN48 Package)
USB 3.0 iOS/Generic Storage Controller
The PL2733 is a SuperSpeed USB to SD/MMC/eMMC for Apple iOS, Windows, Mac, Linux, and
Android. When connected to the PC USB host, the PL2733 activates the USB Mass Storage Class
Bulk Only Transfer protocol engine. When connected to Apple® iOS devices, the Apple® iAP2
protocol engine is activated to fully utilize the bandwidth of Apple® Lightning interface and also
maintain low power consumption. The PL2733 supports JBOD function to configure two storage
media to a single LUN big size USB drive. The PL2733 integrates USB transceiver, LDO regulator for
SD card power, SD UHS-I IO interface regulator, logic core and GPIO to achieve low BOM cost. The
controller support system firmware in external SPI flash to achieve more valued-added features
and maximize system compatibility.
FEATURES
SuperSpeed USB 3.0 Storage Controller
Solution
Support SuperSpeed, Hi-Speed, and
Full-speed USB operations
Dual-protocol engine of Apple® iOS iAP2
and USB Mass Storage Class Bulk-Only
Transport Specification
Supports Secure Digital
TM card (SDSC,
SDHC, SDXC, up to v3.01 UHS-I SDR104)
and MultiMediaCard
TM (MMC) up to
v4.2 , eMMC up to eMMC 5.0 HS200
Support JBOD to merger two media cards
into one big capacity USB drive
Support I2C for Apple® authentication
co-processor
Support SPI flash for system firmware
Built-in 3.3V/1.8V/1.2V LDO regulators.
7mmx7mm QFN48 Package
BLOCK DIAGRAM


Similar Part No. - PL2733

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
USB 3.0 Single LUN Mass Storage Card Reader
PL2732 PROLIFIC-PL2732 Datasheet
346Kb / 1P
USB 3.0 eMMC Storage Controller
More results

Similar Description - PL2733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB7320 TI1-TUSB7320 Datasheet
1Mb / 115P
USB 3.0 xHCI HOST CONTROLLER
logo
List of Unclassifed Man...
HD-PCTU3 ETC2-HD-PCTU3 Datasheet
396Kb / 2P
Portable USB 3.0 Storage for PC and Mac
logo
Texas Instruments
TUSB7320 TI1-TUSB7320_15 Datasheet
5Mb / 117P
USB 3.0 xHCI Host Controller
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
Cypress Semiconductor
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
SD2??USB and Mass Storage Peripheral Controller
CYUSB302X CYPRESS-CYUSB302X Datasheet
779Kb / 34P
SD3??USB and Mass Storage Peripheral Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
USB 3.0 Hub Controller
logo
Prolific Technology Inc...
PL2731 PROLIFIC-PL2731 Datasheet
353Kb / 1P
USB 3.0 Single LUN Mass Storage Card Reader
PL2732 PROLIFIC-PL2732 Datasheet
346Kb / 1P
USB 3.0 eMMC Storage Controller
logo
List of Unclassifed Man...
EJ168A ETC-EJ168A Datasheet
1Mb / 11P
USB 3.0 Host Controller
Revision 1.4 Nov 5, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com