Electronic Components Datasheet Search
  English  ▼

X  

2829551 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2829551
Description  ST-REL4-KG 24/21-21/AU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2829551 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2829551 Datasheet HTML 1Page - PHOENIX CONTACT 2829551 Datasheet HTML 2Page - PHOENIX CONTACT 2829551 Datasheet HTML 3Page - PHOENIX CONTACT 2829551 Datasheet HTML 4Page - PHOENIX CONTACT 2829551 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 9, 2011
Extract from the online
catalog
 
ST-REL4-KG 24/21-21/AU
Order No.: 2829551
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2829551
 
 
Relay connector, fitted with miniature switching relay, contacts (AgNi
+Au): Small to large loads, 2 PDT, 24 V AC/DC input voltage, with light
indicator, can be plugged into basic terminal blocks
 
Commercial data
GTIN (EAN)
4
017918
078508
sales group
G013
Pack
10 pcs.
Customs tariff
85364190
Catalog page information
Page 89 (IF-2005)
Product notes
WEEE/RoHS-compliant since:
08/10/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.


Similar Part No. - 2829551

ManufacturerPart #DatasheetDescription
logo
PROXXON. All rights res...
28295 PROXXON-28295 Datasheet
124Kb / 1P
life expectancy !
logo
PHOENIX CONTACT
2829564 PHOENIX-2829564 Datasheet
60Kb / 4P
Functional block - ST-REL3-KG 24/ 1/SO38
More results

Similar Description - 2829551

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2823298 PHOENIX-2823298 Datasheet
90Kb / 4P
Relay connectors - ST-REL4-KG 60/21-21
2823308 PHOENIX-2823308 Datasheet
131Kb / 5P
ST-REL4-KG 24/21-21
2823353 PHOENIX-2823353 Datasheet
90Kb / 4P
Relay connectors - ST-REL4-KG 48/21-21
2823405 PHOENIX-2823405 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-HG 24/21-21
2823447 PHOENIX-2823447 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-HW 24/21-21
2825403 PHOENIX-2825403 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-SG 24/21-21
2825539 PHOENIX-2825539 Datasheet
127Kb / 4P
ST-REL4-SW 24/21-21
2826981 PHOENIX-2826981 Datasheet
56Kb / 4P
Relay connectors - ST-REL3-KG 24/21/AU/SO46
2861014 PHOENIX-2861014 Datasheet
120Kb / 5P
ST-REL3-KG 24/21
2892520 PHOENIX-2892520 Datasheet
69Kb / 4P
Relay connectors - ST-REL7-KG 24/21-21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com