Electronic Components Datasheet Search
  English  ▼

X  

PL7223 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL7223
Description  2ch Power/Energy Metering AFE Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL7223 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL7223 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL7223 Product Brochure
V1.0 6/17/2015
OVERVIEW
PL7223 is a highly integrated power monitoring IC that measures electricity-related data for power usage
measurement applications. It has built-in 2-channel ADC and a programmable DSP which can adapt to
different applications such as metering, power protection and Master/Slave.
PL7223 has a built-in MTP that stores the chip configuration, DSP code and calibration data. It provides SPI
interface and can be used for calibration and programming data or DSP code. MCU can be accessed
through SPI interface.
PL7223 can diagnose the electricity-related data to identify overloading, short circuit, leakage current and
arcing condition for further power protection features. It also provides a flexible architecture, low system
BOM cost and programmable solution, to help manufacturers minimize development efforts and design a
versatile and flexible product.
FEATURES
ADC Input
- 2-ch full differential ADC input
- 16bit
 ADC
- 1X ~ 32X PGA (Programmable Gain Amp)
- For voltage or current signal input
Programmable DSP function
- Individual program and data space
- Configurable DSP parameters
SPI interface for
- MCU mode interface
- Calibration and MTP programming usage
MTP memory for
- DSP code
- Calibration data
3.3V to 1.8V internal LDO
GPIO
- Support 4 GPIOs
- Function programmable by DSP
- 3 GPIOs sink current up to 16mA for LED driving
Supports 8MHz external crystal or internal oscillator
Package Type : QFN24 / SSOP24
PL7223
2ch Power/Energy Metering AFE Controller
BLOCK DIAGRAM
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw


Similar Part No. - PL7223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL7223 ETC2-PL7223 Datasheet
104Kb / 1P
GPIOs sink current up to 16mA for LED driving
More results

Similar Description - PL7223

ManufacturerPart #DatasheetDescription
logo
Sames
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
logo
Maxim Integrated Produc...
MAXQ3181 MAXIM-MAXQ3181 Datasheet
904Kb / 84P
Low-Power, Active Energy, Polyphase AFE
Rev 1; 12/09
logo
List of Unclassifed Man...
PL7411 ETC2-PL7411 Datasheet
112Kb / 1P
4ch power energy metering AFE controller
logo
Analog Devices
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
logo
Sames
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
Energy Metering IC
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Prolific Technology Inc...
PL7211 PROLIFIC-PL7211 Datasheet
108Kb / 1P
2ch Power/Energy Metering AFE Controller
PL7413 PROLIFIC-PL7413 Datasheet
112Kb / 1P
4ch Power/Energy Metering AFE Controller
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com