Electronic Components Datasheet Search
  English  ▼

X  

PL8351 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL8351
Description  Single Phase DLMS Metering Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL8351 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL8351 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL8351 Product Brochure
v1.0 1/23/2017
OVERVIEW
The PL8351 is an ultra-low-power mixed-signal processors consist of several devices featuring different sets
of peripherals targeted for energy meter applications. They integrate analog front end and fixed function DSP
solution with an ARM Cortex M0 32-bit MCU, RTC and LCD driver in a single chip. PL8351 also support the
I2C, UART, PWM and timer interface for peripheral connection.
The PL8351 build in 128KB Flash for program space and 8KB internal SRAM memory for program. It also
integrates three ADC channels and EMP (Energy Meter Processor) for 1V2I meter application.
The PL8351 build in internal and AES accelerator. It supports AES128, 192 and 256 encryption and
decryption for security data communication. It reduces the program memory size requirement, MCU
operation load and makes it easy to integrate complicated designs. The programming is very easy and
supports ARM SWD two wire serial debug interface. No external voltage is required for programming.
FEATURES
Wide supply voltage range: 2.4V to 5V
Ultralow power consumption
- Normal mode: 3.9mA
- Low Power Mode: 2.3mA
- Suspend mode: 3.7uA
- Sleep Mode: 2.9uA
Dual core architecture
Individual energy meter processor (EMP)
PL8351
Single Phase DLMS Metering Controller
BLOCK DIAGRAM
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
Multi-power saving mode function
Internal switch between VDD and battery inputs
Built-in Watch-dog timer
Internal AES-128/192/256 encryption engine
Build-in I2C, UART, IO and LCD interface
RTC build-in temperature compensation
Wake-up from standby mode in less than 5us
64-LQFP(10x10) package


Similar Part No. - PL8351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PL83 PHILIPS-PL83 Datasheet
94Kb / 5P
VIDEO OUTPUT PNETODE
December 1969
logo
P-tec Corporation
PL83-WDGY1301 P-TEC-PL83-WDGY1301 Datasheet
30Kb / 1P
3mm Bi-Color LED
PL83-WDRG1213 P-TEC-PL83-WDRG1213 Datasheet
30Kb / 1P
3mm Bi-Color LED
PL83-WDRG2115 P-TEC-PL83-WDRG2115 Datasheet
76Kb / 1P
Multi-Color combinations
logo
Pulse A Technitrol Comp...
PL8300 PULSE-PL8300 Datasheet
80Kb / 1P
SMT POWER INDUCTORS
More results

Similar Description - PL8351

ManufacturerPart #DatasheetDescription
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9603APA SAMES-PM9603APA Datasheet
138Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE SPI INTERFACE
SA9109B SAMES-SA9109B Datasheet
183Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL KILOWATT HOUR METERING IC
logo
Analog Devices
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
Single-Phase Active and Apparent Energy Metering IC
10/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Sames
PM9603AP SAMES-PM9603AP Datasheet
142Kb / 18P
SINGLE PHASE POWER/ENERGY METERING MODULE
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
Single Phase Kilowatt-hour Metering IC
SA4101A SAMES-SA4101A Datasheet
518Kb / 15P
Single Phase Kilowatt-hour Metering IC
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com