Electronic Components Datasheet Search
  English  ▼

X  

MA5889 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # MA5889
Description  USB Fast Charging Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

MA5889 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  MA5889 Datasheet HTML 1Page - Prolific Technology Inc. MA5889 Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brochure
V1.0 04/01/15
Prolific Technology Inc.
7F, No.48, Sec.3, Nan Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
Description
With Smartphones and Tablets emerging as the mainstream portable mobile devices, the demand
for universal charging (fast charging) to various mobile devices has increased dramatically.
The MA5889 is a USB fast-charging controller that complies with the USB Battery Charging
Specification (BC) version 1.2 and allows charging devices to draw current similar to original
wall-chargers. Normally, a USB wall-charger provides unified charging mechanism by traditional
USB current supply (0.5A) when charging devices through USB ports. With a USB enabled
wall-charger that complies with USB BC, it provides a unified charging mechanism with more USB
current supply (up to 1.5A); so called “fast-charging” mechanism; when charging devices through
USB ports. The MA5889 is a high performance battery charging solution with “fast-charging”
mechanism to speed up the charging time.
The MA5889 embedded automatic charger detection circuit complies with both USB Battery
Charging Specification (BC) version 1.2 and Apple/Samsung Tab resistor mode. This feature implies
MA5889 supports wide ranges of Smartphone/Tablets for fast charging and provides design
flexibility for system manufacturers.
The MA5889 is designed for all charger products with USB interface and provides SOT23-6 package
for dual USB port support.
Features
Supports USB Battery Charging Specification 1.2 (BC1.2 Charging Spec)
Supports Apple® Device fast charging (Selectable Apple® 1A / 2.4A mode)
Supports Samsung Galaxy Tab Devices charging (2.1A mode)
Supports Chinese Telecommunications Industry Standard YD/T 1591-2009
Automatic charging detection circuit for Apple, Samsung, and BC compliant devices
Ultra-low power consumption
MCU base design for fast technical support
Available in SOT23-5 package for MA5887 (single USB port)
MA5889
USB Fast Charging Controller


Similar Part No. - MA5889

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA5889 ETC2-MA5889 Datasheet
200Kb / 2P
USB FAST CHARGING CONTROLLER
More results

Similar Description - MA5889

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA5885 ETC2-MA5885 Datasheet
240Kb / 2P
USB Fast Charging Controller
MA5887 ETC2-MA5887 Datasheet
204Kb / 2P
USB FAST CHARGING CONTROLLER
MA5889 ETC2-MA5889 Datasheet
200Kb / 2P
USB FAST CHARGING CONTROLLER
logo
Texas Instruments
TPS2549-Q1 TI1-TPS2549-Q1 Datasheet
1Mb / 43P
Automotive USB Charging Port Controller
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
logo
SHENZHEN FUMAN ELECTRON...
IPT2601 FUMAN-IPT2601 Datasheet
611Kb / 6P
USB fast charging port controller
IPT2602 FUMAN-IPT2602 Datasheet
726Kb / 7P
USB fast charging port controller
logo
Prolific Technology Inc...
MA5887 PROLIFIC-MA5887 Datasheet
204Kb / 2P
USB Fast Charging Controller
logo
Shenzhen Huazhimei Semi...
HM6601Q HMSEMI-HM6601Q Datasheet
301Kb / 9P
USB Charging Port Controller for Fast Charging Protocol
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
USB dedicated charging port controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com