Electronic Components Datasheet Search
  English  ▼

X  

MA8170 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # MA8170
Description  USB 2.0 Handheld Device Reader Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

MA8170 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  MA8170 Datasheet HTML 1Page - Prolific Technology Inc. MA8170 Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brochure
V1.0 04/01/15
Prolific Technology Inc.
7F, No.48, Sec.3, Nan Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
Description
The MA8170 is a new generation high performance USB 2.0 reader for Handheld devices which
supports multiple cards including most updated Secure Digital Card (SD3.0), MultiMedia Card,
Memory Stick, and Compact Flash. The MA8170 integrates USB 2.0 transceiver, MCU, DC-DC
regulators and memory card access unit into a single chip. In order to provide best performance,
MA8170 integrates a high speed 8051 microprocessor and a high efficiency hardware engine for
best data transfer performance.
In order to meet market standard, MA8170 integrates power MOSFET to improve ESD
performance, over current protection design to prevent from short current. For reducing BOM cost,
MA8170 reserve flexibility to remove external 12MHz Crystal on PCB, which means the clock
source is generated from MOAI’s proprietary on chip clock design
The MA8170 ships with two types of package:
LQFP48 for SD, MMC, MS , XD and CF
SSOP28 & QFN32 for SD, MMC and MS.
Features
USB
USB Specification Rev. 2.0
USB Device Class for Mass Storage Bulk Only Transport Specification Rev. 1.0.
USB Bus-powered
Support Suspend, Remote Wake-up and Wake-up Resume
Integrated USB 2.0 UTMI transceiver and Serial Interface Engine (SIE)
Endpoint:
Endpoint 0: 64 bytes control transfer.
Endpoint 1: 512 bytes bulk transfer for IN transaction.
MA8170
USB 2.0 Handheld Device Reader Controller


Similar Part No. - MA8170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA8170 ETC2-MA8170 Datasheet
282Kb / 2P
Optional for Embedded 12MHz crystal to save BOM
More results

Similar Description - MA8170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
GL813 ETC-GL813 Datasheet
132Kb / 24P
USB 2.0 CompactFlash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
GL816E GENESYS-GL816E Datasheet
478Kb / 26P
USB 2.0 9-in-1 Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
logo
Pepperl+Fuchs Inc.
OHV110-F228-R2 PF-OHV110-F228-R2 Datasheet
835Kb / 5P
Handheld reader
OHV200-F220-B15 PF-OHV200-F220-B15 Datasheet
212Kb / 2P
Handheld reader
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
Handheld reader
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com