Electronic Components Datasheet Search
  English  ▼

X  

MA8601 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # MA8601
Description  USB 2.0 High Speed 4-port hub controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

MA8601 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  MA8601 Datasheet HTML 1Page - Prolific Technology Inc. MA8601 Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brochure
V1.0 04/01/15
Prolific Technology Inc.
7F, No.48, Sec.3, Nan Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
Description
The MA8601 is a high performance solution for USB 2.0 High Speed 4-port hub controller with
fully compliant with Universal Serial Bus Specification 2.0. The controller inherits advanced serial
interface technology to consume the least power when 4 DS (downstream) ports function
simultaneously.
MA8601 adapt Single Transaction Translator (STT) and Ganged power management to achieve cost
effective purpose. Users can also implement multiple Hub configuration options through external
EEPROM.
MA8601 supports SSOP28 package targets at mainstream stand along 4 ports Hub market.
Features
Compliant with USB Specification Revision 2.0
Upstream Port supports high-speed (480MHz) and full-speed (12MHz) traffic
Configurable 4/3/2 downstream ports support high-speed, full-speed, and low-speed
Backward compatible to USB Specification Revision 1.1
Integrated Fast 8051 microprocessor
12Mhz Oscillator clock input
Integrated upstream 1.5KΩ pull-up downstream 15KΩ pull-down resisters
Single Transaction Translator (Single TT)
Ganged Power Control and Global Over Current detection for downstream ports
Leading small power consumption USB2.0 Hub
On chip 5V to 3.3V/1.2V regulator
Automatic re-enumeration for switching between self-powered and bus-powered modes
External EEPROM interface for customized information storage
Customized VID, PID
Number of downstream port
MA8601
USB 2.0 High Speed 4-port hub controller


Similar Part No. - MA8601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA8601 ETC2-MA8601 Datasheet
200Kb / 2P
External EEPROM interface for customized information storage
More results

Similar Description - MA8601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB2514 SMSC-USB2514 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
USB 2.0 High-Speed 2-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
logo
List of Unclassifed Man...
FE1.1 ETC2-FE1.1 Datasheet
205Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE1.1S ETC2-FE1.1S Datasheet
192Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com