Electronic Components Datasheet Search
  English  ▼

X  

MA8608 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # MA8608
Description  USB 2.0 High Speed 4-port hub controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

MA8608 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  MA8608 Datasheet HTML 1Page - Prolific Technology Inc. MA8608 Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brochure
V1.0 04/01/15
Prolific Technology Inc.
7F, No.48, Sec.3, Nan Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
Description
The MA8608 is a high performance solution for USB 2.0 High Speed 4-port hub controller with
fully compliant with Universal Serial Bus Specification 2.0. The controller inherits advanced serial
interface technology to consume the least power when 4 DS (downstream) ports function
simultaneously.
The MA8608 is an innovation that integrates function to comply with USB-IF “Battery Charging
Specification Revision 1.2”, which supports fast charging function for portable devices. This feature
turns MA8608 into a USB Charging Hub for “Universal Charging Solution”, (UCS) compliant
battery based portable devices, promoted by GSMA. The dedicate port in MA8608 can handle the
charging request when B.C. compliant portable device is detected on the downstream port. And,
after the handshake has been completed, MA8608 allows portable devices to draw up to 900mA
(High speed); 1.5A (Low/Full speed) from charging downstream ports (CDP) or 1.5A from
dedicated charging port (DCP). The MA8608 also support APPLE iPad fast charging mode.
MA8608 adapt Single Transaction Translator (STT) and Ganged power management to achieve cost
effective purpose. Users can also implement multiple Hub configuration options through external
EEPROM.
MA8608 supports QFN24 package targets at mainstream stand along 4 ports Hub market.
Features
USB 2.0 Hub
Compliant with USB Specification Revision 2.0
Upstream Port supports high-speed (480MHz) and full-speed (12MHz) traffic
Configurable 4/3/2 downstream ports support high-speed, full-speed, and
low-speed
Backward compatible to USB Specification Revision 1.1
Compliant with USB Battery Charging Specification Revision 1.2
MA8608
USB 2.0 High Speed 4-port hub controller


Similar Part No. - MA8608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA8608 ETC2-MA8608 Datasheet
270Kb / 2P
Leading small power consumption USB2.0 Hub
More results

Similar Description - MA8608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB2514 SMSC-USB2514 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
USB 2.0 High-Speed 2-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
logo
List of Unclassifed Man...
FE1.1 ETC2-FE1.1 Datasheet
205Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE1.1S ETC2-FE1.1S Datasheet
192Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8601 PROLIFIC-MA8601 Datasheet
200Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com