Electronic Components Datasheet Search
  English  ▼

X  

THS1009CDA Datasheet(PDF) 6 Page - Texas Instruments

Part # THS1009CDA
Description  10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1009CDA Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1009CDA Datasheet HTML 2Page - Texas Instruments THS1009CDA Datasheet HTML 3Page - Texas Instruments THS1009CDA Datasheet HTML 4Page - Texas Instruments THS1009CDA Datasheet HTML 5Page - Texas Instruments THS1009CDA Datasheet HTML 6Page - Texas Instruments THS1009CDA Datasheet HTML 7Page - Texas Instruments THS1009CDA Datasheet HTML 8Page - Texas Instruments THS1009CDA Datasheet HTML 9Page - Texas Instruments THS1009CDA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
THS1009
SLAS287A – AUGUST 2000 – REVISED DECEMBER 2002
www.ti.com
6
FUNCTIONAL BLOCK DIAGRAM
CONV_CLK
CS0
CS1
RD
WR (R/W)
RESET
Logic
and
Control
Control
Register
S/H
S/H
Single-Ended
and/or
Differential
MUX
10-Bit
Pipeline
ADC
+
–
REFP
REFM
1.225 V
REF
2.5 V
10
Buffers
REFOUT
BVDD
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
RA0
RA1
BGND
AGND
DGND
3.5 V
1.5 V
AVDD
DVDD
REFP
REFM
AINP
AINM
REFIN
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com