Electronic Components Datasheet Search
  English  ▼

X  

2867461 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2867461
Description  Antenna - RAD-ISM-2400-ANT-OMNI-2-1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2867461 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2867461 Datasheet HTML 1Page - PHOENIX CONTACT 2867461 Datasheet HTML 2Page - PHOENIX CONTACT 2867461 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2867461
03/19/2019   Page 1 / 3
Antenna - RAD-ISM-2400-ANT-OMNI-2-1 - 2867461
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Omnidirectional antenna, 2.4 GHz, gain: 2 dBi, polarization: linear, opening angle: h/v 360°/75°, degree of
protection: IP65, connection: MCX (male), incl. 1.5 m / 5 ft. connecting cable and mounting bracket for wall
mounting
Your advantages
 For freely mobile applications
 For multipoint or mesh connections
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918952761
Technical data
Dimensions
Width
7.8 mm
Height
82.5 mm
Fixed cable length
1.50 m
Ambient conditions
Degree of protection
IP65
Ambient temperature (operation)
-20 °C ... 65 °C
Ambient temperature (storage/transport)
-30 °C ... 75 °C
General
With connecting cable
yes
Frequency range
2.4 GHz
2.4 GHz
Horizontal beamwidth
360 °
Vertical beamwidth
75 °


Similar Part No. - 2867461

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2867403 PHOENIX-2867403 Datasheet
179Kb / 4P
Antenna cable - RAD-CON-SMA-N-SS
Dec 6, 2022
2867432 PHOENIX-2867432 Datasheet
666Kb / 18P
Wireless module - RAD-ISM-900-SET-DC-UD-AU
Dec 6, 2022
More results

Similar Description - 2867461

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701362 PHOENIX-2701362 Datasheet
119Kb / 5P
Antenna - RAD-ISM-2400-ANT-OMNI-2-1-RSMA
2867160 PHOENIX-2867160 Datasheet
46Kb / 2P
Antenna - RAD-ISM-900-ANT-OMNI-0-6
2867199 PHOENIX-2867199 Datasheet
49Kb / 2P
Antenna - RAD-ISM-900-ANT-OMNI-5
2867623 PHOENIX-2867623 Datasheet
68Kb / 3P
Antenna - RAD-ISM-2400-ANT-OMNI-9-0
2884923 PHOENIX-2884923 Datasheet
44Kb / 2P
Antenna - RAD-ISM-2400-ANT-OMNI-5-0
2884936 PHOENIX-2884936 Datasheet
122Kb / 3P
Antenna - RAD-ISM-2400-ANT-CIR-8-0
2885676 PHOENIX-2885676 Datasheet
53Kb / 2P
Antenna - RAD-ISM-900-ANT-OMNI-RPSMA
2885919 PHOENIX-2885919 Datasheet
115Kb / 4P
Antenna - RAD-ISM-2400-ANT-OMNI-6-0
5606761 PHOENIX-5606761 Datasheet
58Kb / 2P
Antenna - RAD-ISM-5250-ANT-OMNI-10-N
5606762 PHOENIX-5606762 Datasheet
50Kb / 3P
Antenna - RAD-ISM-5800-ANT-OMNI-10-N
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com