Electronic Components Datasheet Search
  English  ▼

X  

STTH16L06CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH16L06CT
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06CT Datasheet(HTML) 2 Page - STMicroelectronics

  STTH16L06CT Datasheet HTML 1Page - STMicroelectronics STTH16L06CT Datasheet HTML 2Page - STMicroelectronics STTH16L06CT Datasheet HTML 3Page - STMicroelectronics STTH16L06CT Datasheet HTML 4Page - STMicroelectronics STTH16L06CT Datasheet HTML 5Page - STMicroelectronics STTH16L06CT Datasheet HTML 6Page - STMicroelectronics STTH16L06CT Datasheet HTML 7Page - STMicroelectronics STTH16L06CT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STTH16L06C
2/8
Table 4: Thermal Resistance
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 1.06 x IF(AV) + 0.036 IF
2
(RMS)
Table 6: Dynamic Characteristics (per diode)
Symbol
Parameter
Value (max).
Unit
Rth(j-c)
Junction to case
TO-220AB / D2PAK
Per diode
2.5
°C/W
TO-220FPAB
Per diode
5
TO-220AB / D2PAK
Total
1.6
TO-220FPAB
Total
3.8
Rth(c)
Coupling
TO-220AB / D2PAK
0.7
°C/W
TO-220FPAB
2.5
When the diodes 1 and 2 are used simultaneously:
Tj(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current Tj = 25°C
VR = VRRM
8µA
Tj = 150°C
25
240
VF **
Forward voltage drop
Tj = 25°C
IF = 8A
1.8
V
Tj = 150°C
1.05
1.35
Tj = 25°C
IF = 16A
2.08
Tj = 150°C
1.28
1.64
Symbol
Parameter
Test conditions
Min.
Typ Max.
Unit
trr
Reverse recovery
time
Tj = 25°C
IF = 0.5A Irr = 0.25A IR =1A
35
ns
IF = 1A dIF/dt = 50 A/µs VR =30V
40
55
IRM
Reverse recovery
current
Tj = 125°C IF = 8A
VR = 400V
dIF/dt = 100 A/µs
4.5
6.5
A
tfr
Forward recovery
time
Tj = 25°C
IF = 8A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
200
ns
VFP
Forward recovery
voltage
Tj = 25°C
IF = 8A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
3.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com