Electronic Components Datasheet Search
  English  ▼

X  

J112 Datasheet(PDF) 1 Page - ON Semiconductor

Part # J112
Description  JFET Chopper Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J112 Datasheet(HTML) 1 Page - ON Semiconductor

  J112 Datasheet HTML 1Page - ON Semiconductor J112 Datasheet HTML 2Page - ON Semiconductor J112 Datasheet HTML 3Page - ON Semiconductor J112 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
JFET Chopper Transistor
N–Channel — Depletion
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain – Gate Voltage
VDG
–35
Vdc
Gate – Source Voltage
VGS
–35
Vdc
Gate Current
IG
50
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Lead Temperature
TL
300
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Gate – Source Breakdown Voltage
(IG = –1.0 µAdc)
V(BR)GSS
35
—
Vdc
Gate Reverse Current
(VGS = –15 Vdc)
IGSS
—
– 1.0
nAdc
Gate Source Cutoff Voltage
(VDS = 5.0 Vdc, ID = 1.0 µAdc)
VGS(off)
– 1.0
– 5.0
Vdc
Drain–Cutoff Current
(VDS = 5.0 Vdc, VGS = –10 Vdc)
ID(off)
—
1.0
nAdc
ON CHARACTERISTICS
Zero–Gate–Voltage Drain Current(1)
(VDS = 15 Vdc)
IDSS
5.0
—
mAdc
Static Drain–Source On Resistance
(VDS = 0.1 Vdc)
rDS(on)
—
50
Ω
Drain Gate and Source Gate On–Capacitance
(VDS = VGS = 0, f = 1.0 MHz)
Cdg(on)
+
Csg(on)
—
28
pF
Drain Gate Off–Capacitance
(VGS = –10 Vdc, f = 1.0 MHz)
Cdg(off)
—
5.0
pF
Source Gate Off–Capacitance
(VGS = –10 Vdc, f = 1.0 MHz)
Csg(off)
—
5.0
pF
1. Pulse Width = 300
µs, Duty Cycle = 3.0%.
Order this document
by J112/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
J112
CASE 29–04, STYLE 5
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1997
1 DRAIN
2 SOURCE
3
GATE
(Replaces J111/D)


Similar Part No. - J112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
JFET Chopper Transistor (N-Channel- Depletion)
logo
NXP Semiconductors
J112 PHILIPS-J112 Datasheet
35Kb / 6P
N-channel silicon field-effect transistors
July 1993
logo
Fairchild Semiconductor
J112 FAIRCHILD-J112 Datasheet
101Kb / 5P
N-Channel Switch
logo
Calogic, LLC
J112 CALOGIC-J112 Datasheet
21Kb / 1P
N-Channel JFET Switch
logo
Micro Electronics
J112 MICRO-ELECTRONICS-J112 Datasheet
45Kb / 1P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTORS
More results

Similar Description - J112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
JFET Chopper Transistor (N-Channel- Depletion)
MMBFJ175LT1 MOTOROLA-MMBFJ175LT1 Datasheet
76Kb / 4P
JFET Chopper
MMBFJ177LT1 MOTOROLA-MMBFJ177LT1 Datasheet
57Kb / 4P
JFET Chopper
logo
ON Semiconductor
MMBFJ175LT1 ONSEMI-MMBFJ175LT1 Datasheet
56Kb / 4P
JFET Chopper
MMBFJ177LT1 ONSEMI-MMBFJ177LT1 Datasheet
32Kb / 4P
JFET Chopper
November, 2001 ??Rev. 2
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
MMBFJ175LT1G ONSEMI-MMBFJ175LT1G_11 Datasheet
111Kb / 2P
JFET Chopper
August, 2009 ??Rev. 5
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_11 Datasheet
89Kb / 3P
JFET Chopper
August, 2011 ??Rev. 5
MMBFJ175LT1G ONSEMI-MMBFJ175LT1G Datasheet
115Kb / 2P
JFET Chopper
October, 2016 ??Rev. 7
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_16 Datasheet
79Kb / 3P
JFET Chopper
October, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com