Electronic Components Datasheet Search
  English  ▼

X  

DG201HS Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # DG201HS
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG201HS Datasheet(HTML) 5 Page - TEMIC Semiconductors

  DG201HS Datasheet HTML 1Page - TEMIC Semiconductors DG201HS Datasheet HTML 2Page - TEMIC Semiconductors DG201HS Datasheet HTML 3Page - TEMIC Semiconductors DG201HS Datasheet HTML 4Page - TEMIC Semiconductors DG201HS Datasheet HTML 5Page - TEMIC Semiconductors DG201HS Datasheet HTML 6Page - TEMIC Semiconductors DG201HS Datasheet HTML 7Page - TEMIC Semiconductors DG201HS Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DG201HS
Siliconix
E-77071—Rev. E, 01-Sep-97
5
Typical Characteristics
–20 –16 –12 –8
–4
0
4
8
12
16
20
0
10
20
30
40
50
60
70
"5 V
rDS(on) vs. VD and Power Supply Voltages
VD – Drain Voltage (V)
"10 V
"15 V
"20 V
0
10
20
30
40
50
–15
–10
–5
0
5
10
15
rDS(on) vs. VD and Temperature
VD – Drain Voltage (V)
125_C
85
_C
25
_C
–55
_C
0
_C
V+ = 15 V
V– = –15 V
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
160
180
rDS(on) vs. VD and Single Power Supply Voltages
VD – Drain Voltage (V)
V+ = 5 V
7 V
10 V
12 V
15 V
–60 –40 –20
0
20
40
60
80
100 120 140
10 pA
100 pA
1 nA
10 nA
ID(on)
Leakage Currents vs. Temperature
Temperature (
_C)
IS(off), ID(off)
0
0.5
1
1.5
2
2.5
Input Switching Threshold vs. Supply Voltage
Positive/Negative Supplies (V)
"4 "6 "8 "10 "12 "14 "16 "18 "20
30
35
40
45
50
55
"4 "6 "8 "10 "12 "14 "16 "18 "20
Switching Time vs. Power Supply Voltage
Supply Voltage (V)
tON
tOFF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com