Electronic Components Datasheet Search
  English  ▼

X  

FAC1484FE Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC1484FE
Description  3A 23V Synchron s Rectified S ep Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1484FE Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC1484FE Datasheet HTML 1Page - First Silicon Co., Ltd FAC1484FE Datasheet HTML 2Page - First Silicon Co., Ltd FAC1484FE Datasheet HTML 3Page - First Silicon Co., Ltd FAC1484FE Datasheet HTML 4Page - First Silicon Co., Ltd FAC1484FE Datasheet HTML 5Page - First Silicon Co., Ltd FAC1484FE Datasheet HTML 6Page - First Silicon Co., Ltd FAC1484FE Datasheet HTML 7Page - First Silicon Co., Ltd FAC1484FE Datasheet HTML 8Page - First Silicon Co., Ltd FAC1484FE Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3A 23V Synchron s Rectified S ep Down Converter
SEMICONDUCTOR
TECHNICAL D ATA
FAC1484FE
2012.03. 26
1/13
Revision No : 0
General Description
The FAC1484 is a monolithic synchronous buck
regulator. The device integrates two 90m
Ω
MOSFETs, and provides 2A of continuous load current
over a wide input voltage of 4.50V to 23V.Current
mode control providese fast transient response and
cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current at
turn-on, and in shutdown mode the supply current
drops to 1µA.
This device, availablein
an SOP-8E
package,
provides a very compact solution with minimal external
components.
Features
• 3AOutputCurrent
• Wide4.50Vto23VOperatingInputRange
• Integrated90mΩPowerMOSFETSwitches
• OutputAdjustablefrom0.923Vto20V
• Upto96%Efficiency
• ProgrammableSoft-Start
• StablewithLowESRCeramicOutputCapacitors
• Fixed340KHzFrequency
• Cycle-by-CycleOverCurrentProtection
• InputUnderVoltageLockout
Applications
• DistributedPowerSystems
• NetworkingSystems
• FPGA,DSP,ASICPowerSupplies
• GreenElectronics/Appliances
• NotebookComputers
Package Types
Figure 1. Package Types of FAC1484


Similar Part No. - FAC1484FE

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC1482F FS-FAC1482F Datasheet
1Mb / 13P
2A , 23V Synchronus Rectified Step Down Converter
FAC1483FE FS-FAC1483FE Datasheet
1Mb / 13P
2A , 23V Synchronus Rec f ed Step Down Converter
More results

Similar Description - FAC1484FE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307_06 Datasheet
342Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 KEXIN-MP2307 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2307 MPS-MP2307_08 Datasheet
449Kb / 12P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com