Electronic Components Datasheet Search
  English  ▼

X  

FAC1507 Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # FAC1507
Description  3A 150KHZ PWM Buck DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1507 Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button FAC1507 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 11Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 12Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 13Page - First Silicon Co., Ltd FAC1507 Datasheet HTML 14Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3A 150KHZ PWM Buck DC/DC Converter
Vout
R1
R2
Cf (Operational)
3.3V
1.6K
2.7K
33nf
5V
3.6K
11K
10nf
9V
6.8K
43K
1.5nf
12V
1.5K
13K
1nf
Output Capacitor (Cout)
Output
Voltage
Input
Voltage
Inductor (L1)
Through Hole Electrolytic
6V ~ 18V
47uh
470uf/25V
3.3V
6V ~45V
68uh
560uf/25V
8V ~ 18V
33uh
330uf/25V
5V
8V ~45V
47uh
470uf/25V
12V ~18V
47uh
330uf/25V
9V
12V ~45V
47uh
470uf/25V
15V ~ 18V
47uh
220uf/25V
12V
15V ~45V
47uh
330uf/25V
Table 2. Vout VS. R1, R2, Cf Select Table
Table 3. Typical Application Buck Regulator Design Procedure
Figure 12. Typical Application of FAC1507 For ADJ
FAC1507
FAC1507-AD
2019. 03. 27
10/15
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com