Electronic Components Datasheet Search
  English  ▼

X  

FAC1507DR Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC1507DR
Description  3A 150KHZ PWM Buck DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1507DR Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC1507DR Datasheet HTML 1Page - First Silicon Co., Ltd FAC1507DR Datasheet HTML 2Page - First Silicon Co., Ltd FAC1507DR Datasheet HTML 3Page - First Silicon Co., Ltd FAC1507DR Datasheet HTML 4Page - First Silicon Co., Ltd FAC1507DR Datasheet HTML 5Page - First Silicon Co., Ltd FAC1507DR Datasheet HTML 6Page - First Silicon Co., Ltd FAC1507DR Datasheet HTML 7Page - First Silicon Co., Ltd FAC1507DR Datasheet HTML 8Page - First Silicon Co., Ltd FAC1507DR Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
3A 150KHZ PWM Buck DC/DC Converter
General Description
The FAC1507 is a eas y to use adjustable
step-down (buck) switch-mode voltage regulators.
The device is available in an adjustable output
version. It is capable of driving a 3A load with
excellent line and load regulation.
Requiring
a
minimum
number
of
external
components, the regulator is simple to use and
include internal frequency compensation, and a
fixed-frequency oscillator.
The
output
voltage
is
guaranteed
to
±3%
tolerance under specified input voltage and
output load conditions. The oscillator frequency is
guaranteed to ±15%. External shutdown is
included, featuring typically 80 µA standby current.
Self protection features include a two stage
frequency reducing current limit for the output
switch and an over temperature shutdown for
complete protection under fault conditions.
The FAC1507 is available in TO252-5L package.
Features
• 5V and Adjustable output version
• Output adjustable from 1.23v to 43V
• Fixed 150KHz frequency internal oscillator
• Guaranteed 3A output load current
• Input voltage range up to 45V
• Low power standby mode, I
Q typically 70 µA
• TTL shutdown capability
• Excellent line and load regulation
• High efficiency
• Thermal shutdown and current limit protection
• Available in TO252-5L package
Applications
• Simple High-efficiency step-down regulator
• On-card switching regulators
• Positive to negative converter
• LCD monitor and LCD TV
• DVD recorder and PDP TV
• Battery charger
• Step-down to 3.3V for microprocessors
Package Types
TO252-5L
Figure 1. Package Types of FAC1507
SEMICONDUCTOR
TECHNICAL DATA
FAC1507
2019. 03. 27
1/15
Revision No : 1


Similar Part No. - FAC1507DR

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC1501H FS-FAC1501H Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-50 FS-FAC1501HXX5-50 Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-ADJ FS-FAC1501HXX5-ADJ Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
FAC1509F5 FS-FAC1509F5 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
More results

Similar Description - FAC1507DR

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3124 FOSLINK-FSP3124 Datasheet
277Kb / 9P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com