Electronic Components Datasheet Search
  English  ▼

X  

FAC1583 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC1583
Description  3A 380KHZ 28V PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1583 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC1583 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The FAC1583 is a 380 KHz fixed frequency
monolithic step down switch mode regulator
with a built in internal Power MOSFET. It
achieves 3A continuous output current over a
wide input supply range with excellent load
and line regulation.
The device includes a voltage reference,
oscillation circuit, error amplifier, internal
PMOS and etc.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An enable
function, an over current protection function
and a short circuit protection function are
built inside. An internal compensation block
is built in to minimize external component
count.
The FAC1583 serves as ideal power supply
units for portable devices.
Features
3A Constant Output Current
140m
Ω R
DSON Internal Power PMOSFET
Switch
Up to 95% Efficiency
Fixed 380KHz Frequency
Wide 3.6V to 28V Input Voltage Range
Output Adjustable from 1.222V to 26V
Built in Frequency Compensation
Built in Thermal Shutdown Function
Built in Current Limit Function
SOIC-8 Package is Available
The minimum dropout up to 0.3V
Applications
Portable DVD
LCD Monitor / TV
Battery Charger
ADSL Modem
Telecom / Networking Equipment
Figure 1 Package Type of FAC1583
SEMICONDUCTOR
TECHNICAL D ATA
FAC1583
2008.01. 28
1/11
Revision No : 0


Similar Part No. - FAC1583

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC1501H FS-FAC1501H Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-50 FS-FAC1501HXX5-50 Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-ADJ FS-FAC1501HXX5-ADJ Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
FAC1507D5 FS-FAC1507D5 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
More results

Similar Description - FAC1583

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1683 YOBON-YB1683 Datasheet
227Kb / 9P
3A 380KHz 28V PWM Buck DC/DC Converter
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
Taiwan Semiconductor Co...
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
3A / 380KHz PWM Buck Converter
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
XL1583 ETC2-XL1583 Datasheet
233Kb / 9P
3A 380KHz 23V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
3A 380KHz 23V Buck DC to DC Converter
logo
SG Micro Corp
SGM61232 SGMICRO-SGM61232 Datasheet
951Kb / 19P
28V, 3A, Buck DC/DC Converter
JANUARY2023-REV.A.3
logo
TECHCODE SEMICONDUCTOR,...
TD1583 TECHCODE-TD1583 Datasheet
655Kb / 16P
3A 380KHz 28V PWM Buck DC/DC Converter
December, 23, 2009.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com