Electronic Components Datasheet Search
  English  ▼

X  

FC74VHC1G02 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC74VHC1G02
Description  2?밒nput NOR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC74VHC1G02 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC74VHC1G02 Datasheet HTML 1Page - First Silicon Co., Ltd FC74VHC1G02 Datasheet HTML 2Page - First Silicon Co., Ltd FC74VHC1G02 Datasheet HTML 3Page - First Silicon Co., Ltd FC74VHC1G02 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2011. 09. 23
2/4
Revision No : 0
FC74VHC1G02
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V CC
DC Supply Voltage
– 0.5 to + 7.0
V
V IN
DC Input Voltage
– 0.5 to 7.0
V
V OUT
DC Output Voltage
V CC=0
– 0.5 to 7.0
V
High or Low State
–0.5 to V cc + 0.5
I IK
Input Diode Current
–20
mA
I OK
Output Diode Current
V
OUT < GND; V OUT > V CC
+20
mA
I OUT
DC Output Current, per Pin
+ 25
mA
I CC
DC Supply Current, V CC and GND
+50
mA
P D
Power dissipation in still air
200
mW
θJA
Thermal resistance
333
°C/W
T L
Lead Temperature, 1 mm from Case for 10 s
260
°C
T J
Junction Temperature Under Bias
+ 150
°C
T stg
Storage temperature
–65 to +150
°C
V ESD
ESD Withstand Voltage
Human Body Model (Note 2)
>2000
V
Machine Model (Note 3)
> 200
Charged Device Model (Note 4)
N/A
I LATCH–UP
Latch–Up Performance Above V CC and Below GND at 125°C (Note 5)
± 500
mA
1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied. Functional operation should be restricted to the Recommended Operating Conditions.
2. Tested to EIA/JESD22–A114–A
3. Tested to EIA/JESD22–A115–A
4. Tested to JESD22–C101–A
5. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
V CC
DC Supply Voltage
2.0
5.5
V
V IN
DC Input Voltage
0.0
5.5
V
V OUT
DC Output Voltage
0.0
V CC
V
T A
Operating Temperature Range
– 55
+ 125
°C
t r ,t f
Input Rise and Fall Time
V
CC = 3.3 ± 0.3 V
0
100
ns/V
V
CC = 5.0 ± 0.5 V
0
20
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Time,
Time,
Temperature °C
Hours
Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
Figure 3. Failure Rate vs. Time
Junction Temperature
1
1
10
100
1000
TIME, YEARS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com