Electronic Components Datasheet Search
  English  ▼

X  

FC6206S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC6206S
Description  FC6206S Series Low ESR Cap. Compatible Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6206S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC6206S Datasheet HTML 1Page - First Silicon Co., Ltd FC6206S Datasheet HTML 2Page - First Silicon Co., Ltd FC6206S Datasheet HTML 3Page - First Silicon Co., Ltd FC6206S Datasheet HTML 4Page - First Silicon Co., Ltd FC6206S Datasheet HTML 5Page - First Silicon Co., Ltd FC6206S Datasheet HTML 6Page - First Silicon Co., Ltd FC6206S Datasheet HTML 7Page - First Silicon Co., Ltd FC6206S Datasheet HTML 8Page - First Silicon Co., Ltd FC6206S Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FC6206S Series Low ESR Cap. Compatible Positive Voltage Regulator
Application
●
Battery Powered Equipment
●
Palmtops
●
Portable Cameras and Video Recorders
●
Reference Voltage Sources
Features
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
6
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
250/350
SOT-23/25
500
SOT-89
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient Temperature
Topr
-40 ~ +85
oC
Storage Temperature
Tstg
-55 ~ +125
oC
General Description
The FC6206S series are highly precise, low power
consumption, high voltage, positive voltage output,
three-pin regulator. It provides high output current
even when the input/output voltage differential is
small.
The FC6206S consists of a high-precision voltage
reference, an error correction circuit and reverse
battery protection.
Block Diagram
●
CMOS Low Power Consumption :
Typical 1.0uA at Vout=3.0V
●
Output Voltage Range : 1.5V to 5.0V in 0.1V increments
●
Highly Accurate:
Output Voltage + 3% for 1.5V to 1.9V
Output Voltage + 2% for 2.0V to 5.0V
●
Maximum Output Current: 250mA
(within the maximum power dissipation, Vout=5.0V)
Small Input-Output Voltage Differential:
0.16V at 100mA and 0.4V at 200mA
●
Input stability: Typ. 0.2%/V
●
Package Available:
SOT- 23 (250mW) , SOT-25 (350mW)
SOT- 89 (500mW) , TO - 92 (300mW)
●
Reverse Battery Protection
2013. 01. 21
1/ 14
SEMICONDUCTOR
TEC HNIC AL D ATA
FC6206S
Re vis io n No : 3
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
V
V
V
IN
OUT
SS
+
-
Voltage
Refernce


Similar Part No. - FC6206S

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC62 FS-FC62 Datasheet
465Kb / 12P
Positive Voltage Regulator
FC62113 FS-FC62113 Datasheet
465Kb / 12P
Positive Voltage Regulator
FC62123 FS-FC62123 Datasheet
465Kb / 12P
Positive Voltage Regulator
FC62133 FS-FC62133 Datasheet
465Kb / 12P
Positive Voltage Regulator
FC62143 FS-FC62143 Datasheet
465Kb / 12P
Positive Voltage Regulator
More results

Similar Description - FC6206S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
Minilogic Device Corpor...
ML6206 MINILOGIC-ML6206 Datasheet
542Kb / 13P
ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206 MINILOGIC-ML6206_09 Datasheet
984Kb / 18P
Low ESR Cap. Compatible Positive Voltage Regulator Output Voltage Range : 1.5V to 5.0V in 0.1V increments
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
Low ESR Cap. Compatible Positive Voltage Regulator
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
Low power consumption, Low ESR Cap. Compatible
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com