Electronic Components Datasheet Search
  English  ▼

X  

FC9056MR Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC9056MR
Description  1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9056MR Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC9056MR Datasheet HTML 1Page - First Silicon Co., Ltd FC9056MR Datasheet HTML 2Page - First Silicon Co., Ltd FC9056MR Datasheet HTML 3Page - First Silicon Co., Ltd FC9056MR Datasheet HTML 4Page - First Silicon Co., Ltd FC9056MR Datasheet HTML 5Page - First Silicon Co., Ltd FC9056MR Datasheet HTML 6Page - First Silicon Co., Ltd FC9056MR Datasheet HTML 7Page - First Silicon Co., Ltd FC9056MR Datasheet HTML 8Page - First Silicon Co., Ltd FC9056MR Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Configura�ons
Figure 2 Pin Configura�on of FC9056(Top View)
Func�on Block Diagram
Vcc
CHRG
TA
TTEMP
TTEMP
schmi�
CA
MA
145°C
Tdie
80%Vin
TEMP
45%Vin
CE
BAT
5uA
R1
R2
REF
1.22V
SHDN
R3
1V
R4
0.1V
R5
2.9V
TO
BAT
3uA
VCC
STDBY
PROG
GND
4
8
7
2
3
5
1
1000x
6
1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation
FC9056
2018. 05. 15
2/9
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com