Electronic Components Datasheet Search
  English  ▼

X  

HD6433642P Datasheet(PDF) 21 Page - Hitachi Semiconductor

Part # HD6433642P
Description  H8/3644 Series Hardware Manual
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD6433642P Datasheet(HTML) 21 Page - Hitachi Semiconductor

Back Button HD6433642P Datasheet HTML 17Page - Hitachi Semiconductor HD6433642P Datasheet HTML 18Page - Hitachi Semiconductor HD6433642P Datasheet HTML 19Page - Hitachi Semiconductor HD6433642P Datasheet HTML 20Page - Hitachi Semiconductor HD6433642P Datasheet HTML 21Page - Hitachi Semiconductor HD6433642P Datasheet HTML 22Page - Hitachi Semiconductor HD6433642P Datasheet HTML 23Page - Hitachi Semiconductor HD6433642P Datasheet HTML 24Page - Hitachi Semiconductor HD6433642P Datasheet HTML 25Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 508 page
background image
10
Table 1.2
Pin Functions (cont)
Pin No.
Type
Symbol
FP-64A
DP-64S
TFP-80C I/O
Name and Functions
Interrupt
pins
IRQ
0
IRQ
1
IRQ
2
IRQ
3
16
55
56
57
24
63
64
1
19
69
70
71
Input
IRQ interrupt request 0 to 3:
These are input pins for edge-
sensitive external interrupts, with
a selection of rising or falling
edge
INT
7 to
INT
0
32 to 25
40 to 33
38 to 31
Input
INT interrupt request 0 to 7:
These are input pins for edge-
sensitive external interrupts, with
a selection of rising or falling
edge
Timer pins
TMOW
53
61
67
Output
Clock output: This is an output
pin for waveforms generated by
the timer A output circuit
TMIB
31
39
37
Input
Timer B1 event counter input:
This is an event input pin for input
to the timer B1 counter
TMOV
37
45
46
Output
Timer V output: This is an output
pin for waveforms generated by
the timer V output compare
function
TMCIV
36
44
45
Input
Timer V event input: This is an
event input pin for input to the
timer V counter
TMRIV
35
43
44
Input
Timer V counter reset: This is a
counter reset input pin for timer V
TRGV
57
1
71
Input
Timer V counter trigger input:
This is a trigger input pin for the
timer V counter and realtime
output port
FTCI
39
47
49
Input
Timer X clock input: This is an
external clock input pin for input
to the timer X counter
FTOA
40
48
50
Output
Timer X output compare A
output: This is an output pin for
timer X output compare A
FTOB
41
49
51
Output
Timer X output compare B
output: This is an output pin for
timer X output compare B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com