Electronic Components Datasheet Search
  English  ▼

X  

MAX32620 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX32620
Description  MAX32620, MAX32621 Evaluation Kits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32620 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX32620 Datasheet HTML 1Page - Maxim Integrated Products MAX32620 Datasheet HTML 2Page - Maxim Integrated Products MAX32620 Datasheet HTML 3Page - Maxim Integrated Products MAX32620 Datasheet HTML 4Page - Maxim Integrated Products MAX32620 Datasheet HTML 5Page - Maxim Integrated Products MAX32620 Datasheet HTML 6Page - Maxim Integrated Products MAX32620 Datasheet HTML 7Page - Maxim Integrated Products MAX32620 Datasheet HTML 8Page - Maxim Integrated Products MAX32620 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluate: MAX32620, MAX32621
MAX32620, MAX32621
Evaluation Kits
Detailed Description of Hardware
This section describes each major function or component
on the EV kit. This EV kit is general-purpose in nature
and provides many user-selectable options, which are
described in the following sections. Each jumper setting
is described and its default setting illustrated.
Board Power
The EV kit’s main power-supply input is +5V, made avail-
able through Micro-USB type-B connector CN1 or CN2.
The board is default jumpered for power to be provided
by CN1.
Current Monitoring
Jumpers JP15, JP16, JP18, and JP19 provide conve-
nient current monitoring points for VDD12 (JP15), VRTC
(JP18), VDDB (JP19), and VDDA+VDD18 (JP16). VDDIO
(JP27) and VDDIOH (JP30) current can be monitored
using these source selection jumpers.
Pushbuttons
Pushbuttons (normally open) SW1, SW2, and SW3 can
be used to generate a logic 0 signal on their correspond-
ing GPIO port pins. Firmware defines the action taken on
switch closure.
Pushbutton SW4 provides a global POR reset function for
the IC by asserting the RSTN input.
Pushbutton SW5 controls the PFN1 input of the PMIC.
The function of the PFN1 input is configurable, but is
preset to reset the PMIC when depressed for at least 12
seconds. Refer to the MAX14690 IC data sheet for com-
plete information.
USB
The IC provides an integrated USB2.0 full-speed interface
(12Mbps). This interface is accessed through the Micro-
USB type-B connector, CN2.
USB-UART Bridge
The EV kit board provides a USB-to-UART bridge chip,
FTDI FT230X. This bridge eliminates the requirement
for a physical RS-232 COM port. Instead, the IC’s UART
access is through the Micro-USB type-B connector,
CN1. Virtual COM port drivers and guides for installing
Windows® drivers are available at www.ftdichip.com.
Default parameters are 115,200 baud, 8 bits, no parity, 1
stop bit, no flow control.
The USB-to-UART bridge can be connected to UART 0
or UART 1 of the IC with jumpers JP10 (RX), JP12 (TX),
JP13 (CTS), and JP14 (RTS). This interface is the default
power source for the EV kit
LEDs
The EV kit board has four LEDs with series current-
limiting resistors. LEDs D1 (red), D4 (green), D5 (red),
and D6 (green) are connected to the IC’s GPIO pins P3.0,
P3.1, P3.2, and P3.3, respectively. LED GPIOs must be
configured as open drain due to 3.3V LED source volt-
ages. An LED is illuminated when the appropriate GPIO
pin is driven low.
Bluetooth Low-Energy (BLE) Controller
The EV kit board has a low-power Bluetooth controller,
EM9301. Communication with the IC is through SPI 2B.
This particular SPI port was selected due to the additional
flow control signals that it features. The EM9301 controller
is Bluetooth specification V4.0 compliant. Refer to the EM
Microelectronic EM9301 data sheet for additional details.
Clocking
The IC operates from an internal 96MHz relaxation oscil-
lator. The internal oscillator is adequate to run the core
digital logic and peripherals. The accuracy of the internal
oscillator is not suitable for accurate RTC timekeeping
or USB operation. The external 32.768kHz crystal, Y1,
provides the RTC with an accurate time base and is also
used to calibrate the internal oscillator for the accuracy
required for USB operation.
JTAG Connector
The ARM standard 20-pin connector pinout is provided
by shrouded header J1. Various debugger modules are
available for this interface. The Olimex ARM-USB-TINY-H
debugger is supplied with the EV kit.
Graphic OLED Display Module
A 128 x 32 pixel graphic OLED display module, NHD-
2.23-12832UCB3, is provided on the EV kit board.
Communications with the NHD-2.23-12832UCB3 is
through SPI 2A.
GPIO Headers and Port Configuration
The IC provides support for both 1.8V and 3.3V peripher-
als through power rails VDDIO and VDDIOH. GPIO volt-
ages can be programmed on a port-by-port basis, refer
to the IC’s user’s guide for more detail. Multiple pullup
options are supported when using special function port
modes, with user selectable pullup voltage options to both
rail voltages supported through jumper selection.
Windows is a registered trademark and registered service mark
of Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com