Electronic Components Datasheet Search
  English  ▼

X  

LF441C Datasheet(PDF) 4 Page - ON Semiconductor

Part # LF441C
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF441C Datasheet(HTML) 4 Page - ON Semiconductor

  LF441C Datasheet HTML 1Page - ON Semiconductor LF441C Datasheet HTML 2Page - ON Semiconductor LF441C Datasheet HTML 3Page - ON Semiconductor LF441C Datasheet HTML 4Page - ON Semiconductor LF441C Datasheet HTML 5Page - ON Semiconductor LF441C Datasheet HTML 6Page - ON Semiconductor LF441C Datasheet HTML 7Page - ON Semiconductor LF441C Datasheet HTML 8Page - ON Semiconductor LF441C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LF441C LF442C LF444C
4
MOTOROLA ANALOG IC DEVICE DATA
VCC = +15 V
VEE = –15 V
25
°C
–55
°C
125
°C
VCC, POSITIVE SUPPLY VOLTAGE (V)
VEE, NEGATIVE SUPPLY VOLTAGE (V)
20
15
10
5.0
0
20
15
10
5.0
0
–20
–15
–10
–5.0
0
0
–5.0
–10
–15
–20
Figure 5. Positive Input Common Mode Voltage
Range versus Positive Supply Voltage
Figure 6. Negative Input Common Mode Voltage
Range versus Negative Supply Voltage
Figure 7. Output Voltage versus Output
Source Current
Figure 8. Output Voltage versus
Output Sink Current
Figure 9. Output Voltage Swing
versus Supply Voltage
Figure 10. Output Voltage Swing
versus Load Resistance
IO, OUTPUT SOURCE CURRENT (mA)
–IO, OUTPUT SINK CURRENT (mA)
VCC,  VEE, SUPPLY VOLTAGE (V)
RL, LOAD RESISTANCE (Ω)
20
15
10
5.0
0
0
–20
–15
–10
–5.0
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
40
35
30
25
20
15
10
5.0
0
0
2.0
4.0
6.0
8.0
10
12
14
16
1.0 k
2.0 k
3.0 k
4.0 k
6.0 k
8.0 k 10 k
28
26
24
22
20
18
16
–55
°C ≤ TA ≤ 125°C
–55
°C ≤ TA ≤ 125°C
RL = 10 kΩ
–55
°C ≤ TA ≤ 125°C
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC = +15 V
VEE = –15 V
125
°C
25
°C
–55
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com