Electronic Components Datasheet Search
  English  ▼

X  

ASY90147 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ASY90147
Description  Bleutooth Mini Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ASY90147 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ASY90147 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASY90147 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASY90147 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASY90147 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASY90147 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASY90147 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASY90147 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASY90147 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASY90147 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Smart Modular Technologies
Specification ASY90147-1&2
December 10, 2002
Smart Modular Technologies
8
Maximum received signal at 0.1% BER
0
-
-
≥≥-20
dBm
Transmitter
Frequency
(GHz)
Min
Typ
Max
Bluetooth
Specification
Unit
2.402
0
2.5
4
dBm
2.441
0
2.5
4
dBm
RF transmit power
2.480
0
2.5
4
-6 to +4
dBm
RF power control range
-
35
-
≥16
dB
RF power range control resolution
-
1.8
-
-
dB
20 dB bandwidth for modulated carrier
-
800
-
1000
kHz
Initial carrier frequency tolerance
-
±25
-
≤ ±75
kHz
Drift
-
±15
-
≤ ±25
kHz
Drift Rate
-
±20
-
400
Hz/
µs
∆f1
avg "Maximum Modulation"
-
165
-
140<∆f1
avg
<175
kHz
∆f2
avg "Minimum Modulation"
-
150
-
115
kHz
C/I co-channel
-
10
11
≤ 11
dB
Adjacent channel selectivity C/I f=f0
± 1MHz
-
-4
0
≤ 0
dB
Adjacent channel selectivity C/I f=f0
± 2MHz
-
-35
-30
≤ -30
dB
Adjacent channel selectivity C/I f
≥ f
0+3MHz
-
-45
-
≤ -40
dB
Adjacent channel selectivity C/I f
≤ f
0-3MHz
-
-45
-
≤ -40
dB
Adjacent channel selectivity C/I f=fimage
-
-18
-9
≤ -9
dB
Adjacent channel Transmit power f=f0
±2MHz
-
-35
-20
≤ -20
dBc
Adjacent channel Transmit power f=f0
±3MHz
-
-35
-40
≤ -40
dBc
VDD = 1.8V
Temperature = +95°C
Receiver
Frequency
(GHz)
Min
Typ
Max
Bluetooth
Specification
Unit
2.402
-
-81
-80
dBm
2.441
-
-82
-80
dBm
Sensitivity at 0.1% BER
2.480
-
-82
-80
≤-70
dBm
Maximum received signal at 0.1% BER
0
-
-
≥≥-20
dBm
Transmitter
Frequency
(GHz)
Min
Typ
Max
Bluetooth
Specification
Unit
2.402
0
1
4
dBm
2.441
0
1
4
dBm
RF transmit power
2.480
0
1
4
-6 to +4
dBm
RF power control range
-
35
-
≥16
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com