Electronic Components Datasheet Search
  English  ▼

X  

DTA143E Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTA143E
Description  Bias Resistor Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA143E Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTA143E Datasheet HTML 1Page - First Silicon Co., Ltd DTA143E Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
DTA143E
2012.01. 19
2/2
Revision No : 0
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
-0
-4
-8
-12
-16
-20
0
2
4
6
8
10
12
-0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-0.01
-0.1
-1
-10
-0.1
-1
-10
-100
-0.1
-1
-10
-100
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
-100
1
10
100
1000
P
D
——
Ta
AMBIENT TEMPERATURE
T
a
( )
℃
f=1MHz
T
a
=25℃
C
O
——
VR
REVERSE VOLTAGE
V
R
(V)
-30
-0.3
-3
T
a
=100℃
T
a
=25℃
OFF Characteristics
-3
-0.3
-0.03
V
CC
=-5V
INPUT VOLTAGE
V
I(OFF)
(V)
ON Characteristics
T
a
=25℃
T
a
=100℃
V
O
=-0.3V
-3
-0.3
-30
OUTPUT CURRENT
I
O
(mA)
T
a
=100℃
T
a
=25℃
-300
-30
-30
-3
V
O(ON)
——
Io
I
O
/I
I
=20
OUTPUT CURRENT
I
O
(mA)
T
a
=25℃
T
a
=100℃
-200
30
V
O
=-5V
300
3
-3
-0.3
-30
G
I
——
Io
OUTPUT CURRENT
I
O
(mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com