Electronic Components Datasheet Search
  English  ▼

X  

DTA143Z Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DTA143Z
Description  Bias Resistor Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA143Z Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DTA143Z Datasheet HTML 1Page - First Silicon Co., Ltd DTA143Z Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space.
• Simplifies Circuit Design
• Reduces Board Space and Component Count
Bias Resistor Transistor
SEMICONDUCTOR
TECHNICAL DATA
DTA143Z
1
2
3
TO-92M
DIM MILLIMETERS
A
B
C
D
E
F
G
3.25 MAX
4.20 MAX
0.48 MAX
1.52 0.1
1.27
15.30 0.20
0.76
45
0.51 MAX
H
J
E
E
H
J
C
K
0.25
K
B
+
_
+
_
1. EMITTER(GND)
2. COLLECTOR(Output)
3. BASE(Input)
IN
GND
OUT
GND
OUT
R2
R1
IN 3
2
1
2010. 7. 22
1/2
Revision No : 0
Absolute maximum ratings(Ta=25
℃)
Parameter
Symbol
Unit
Supply voltage
VCC
V
0
5
-
Input voltage
VIN
V
5
~
0
3
-
IO
0
0
1
-
Output current
IC(MAX)
0
0
1
-
mA
Power dissipation
Pd
300
mW
Junction temperature
Tj
0
5
1
℃
Storage temperature
0
5
1
~
5
5
-
g
t
s
T
℃
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
V (off)
V
5
.
0
-
CC=-5V ,IO=-100µA
Input voltage
V (on)
-1.3
V
VO=-0.3V ,IO=-5 mA
Output voltage
VO(on)
-0.3
V
IO/II=-5mA/-0.25mA
Input current
II
-1.8
mA
VI=-5V
Output current
IO(off)
-0.5
µA
VCC=-50V ,VI=0
DC current gain
GI
80
VO=-5V ,IO=-10mA
Input resistance
R1
3.29
4.7
6.11
K
Ω
Resistance ratio
R2/R1
2
1
0
1
8
Transition frequency
fT
250
MHz
VO=-10V ,IO=-5mA,f=100MHz
Value


Similar Part No. - DTA143Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA143Z ONSEMI-DTA143Z Datasheet
165Kb / 8P
PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTA143Z ROHM-DTA143Z Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTA143Z UTC-DTA143Z Datasheet
114Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
Rohm
DTA143Z ROHM-DTA143Z Datasheet
1Mb / 14P
PNP -100mA -50V Digital Transistor
logo
Jiangsu Changjiang Elec...
DTA143ZCA JIANGSU-DTA143ZCA Datasheet
123Kb / 2P
Digital transistors (built-in resistors)
More results

Similar Description - DTA143Z

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
Bias Resistor Transistor
October, 2004 ??Rev. 7
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
Bias Resistor Transistor
February, 2006 ??Rev. 8
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
Bias Resistor Transistor
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
Bias Resistor Transistor
LDTB113ZLT1G LRC-LDTB113ZLT1G_15 Datasheet
282Kb / 3P
Bias Resistor Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com