Electronic Components Datasheet Search
  English  ▼

X  

DTA219 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DTA219
Description  Bias Resistor Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA219 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DTA219 Datasheet HTML 1Page - First Silicon Co., Ltd DTA219 Datasheet HTML 2Page - First Silicon Co., Ltd DTA219 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2011. 11. 15
1/3
SEMICONDUCTOR
TECHNICAL DATA
DTA219
Revision No : 0
SOT-23
GND
OUT
IN
PNP Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Shipping
L3
4.7
10
3000/Tape & Reel
• We declare that the material of product compliance with
RoHS requirements.
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation,
making the device design easy.
Inverter, Interface, Driver
Features
•
• Applications
DTA219
Absolute maximum ratings (Ta=25
°C)
Limits
Parameter
Symbol
V
V
mA
mW
°C
°C
Unit
VCC
VI
IO
IC(Max.)
Pd
Tj
Tstg
Supply voltage
Input voltage
Output current
Power dissipa ion
Junction temperature
Storage temperature
200
−50
−20 to
+7
−100
−100
150
−55 to
+150
3
COLLECTOR
2
EMITTER
1
BASE
R1
R2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
�Characteristics of built-in transistor
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
−
−2.5
−
−
−
3.29
30
1.7
−
−
−
−0.1
−
−
4.7
−
2.1
250
−0.3
−
−0.3
−1.8
−0.5
6.11
−
2.6
−
V
VCC=−5V, IO =−100
µA
VO =−0.3V, IO=−20mA
IO/II=−10mA/−0.5mA
VI=−5V
VCC=−50V, VI
=0V
VO=−5V, IO=−10mA
VCE=−10V, IE
=5mA, f=100MHz
�
V
mA
µA
kΩ
−
−
−
−
MHz
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency


Similar Part No. - DTA219

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
DTA210T1G FS-DTA210T1G Datasheet
248Kb / 7P
Bias Resistor Transistors
DTA210T3G FS-DTA210T3G Datasheet
248Kb / 7P
Bias Resistor Transistors
DTA211T1G FS-DTA211T1G Datasheet
248Kb / 7P
Bias Resistor Transistors
DTA211T3G FS-DTA211T3G Datasheet
248Kb / 7P
Bias Resistor Transistors
DTA214T1G FS-DTA214T1G Datasheet
248Kb / 7P
Bias Resistor Transistors
More results

Similar Description - DTA219

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
Bias Resistor Transistor
October, 2004 ??Rev. 7
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
Bias Resistor Transistor
February, 2006 ??Rev. 8
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
Bias Resistor Transistor
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
Bias Resistor Transistor
LDTB113ZLT1G LRC-LDTB113ZLT1G_15 Datasheet
282Kb / 3P
Bias Resistor Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com