Electronic Components Datasheet Search
  English  ▼

X  

DTB201 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTB201
Description  Digital transistors (built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTB201 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTB201 Datasheet HTML 1Page - First Silicon Co., Ltd DTB201 Datasheet HTML 2Page - First Silicon Co., Ltd DTB201 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2011. 09. 06
2/3
DTB201
Revision No : 0
Electrical characteristic curves
OUTPUT CURRENT : IO
(A)
-100m
-200m
-500m
-1
-2
-5
-10
-20
-50
-100
VO= −0.3V
-1m
-0.5m
-2m
-5m -10m -20m -50m -100m -200m -500m
Ta= −40 C
25 C
100 C
Fig.1 Input voltage vs. output current
INPUT VOLTAGE : VI (off)
(V)
-10m
-1µ
-2m
-5m
-1m
-200µ
-500µ
-100µ
-20µ
-50µ
-10µ
-2µ
-5µ
0
-3.0
-0.5
-1.0
-1.5
-2.0
-2.5
VCC= −5V
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta=100 C
25 C
−
40 C
OUTPUT CURRENT : IO
(A)
1
2
5
10
20
50
100
200
500
1k
VO= −5V
-1m
-0.5m
-2m
-5m -10m -20m -50m -100m -200m -500m
Ta=100 C
25 C
−
40 C
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(A)
-1m
-2m
-5m
-10m
-20m
-50m
-100m
-200m
-500m
-1
-1m
-0.5m
-2m
-5m -10m -20m -50m -100m -200m -500m
lO/lI=20
Ta=100 C
25 C
−
40 C
Fig.4 Output voltage vs. output
current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com