Electronic Components Datasheet Search
  English  ▼

X  

DTC144E Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTC144E
Description  Bias Resistor Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC144E Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTC144E Datasheet HTML 1Page - First Silicon Co., Ltd DTC144E Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
DTC144E
2010. 7. 22
2/2
Revision No : 0
0.1
1
10
0.1
1
10
100
1
1
0
10
100
1000
0.1
1
10
100
1
10
100
1000
0
5
10
15
20
0
2
4
6
8
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
0.0
0.4
0.8
1.2
1.6
2.0
1E-3
0.01
0.1
1
OFF Characteristics
30
3
0.3
ON Characteristics
T
a=25
℃
T
a=100
℃
V
O=0.3V
3
0.3
30
OUTPUT CURRENT I
O
(mA)
50
I
O
I
O
30
300
30
3
0.5
V
O(ON) ——
T
a=25
℃
T
a=100
℃
I
O/II=20
OUTPUT CURRENT I
O
(mA)
30
T
a=25
℃
T
a=100
℃
V
O=5V
300
3
3
0.3
30
G
I
——
OUTPUT CURRENT I
O
(mA)
V
R
f=1MHz
T
a=25
℃
C
O
——
REVERSE BIAS VOLTAGE V
R
(V)
T
a
DTC144E
P
D
——
AMB ENT TEMPERATURE T
a
( )
℃
T
a=100
℃
T
a=25
℃
0.3
0.03
3E-3
V
CC=5V
INPUT VOLTAGE V
I(OFF)
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com