Electronic Components Datasheet Search
  English  ▼

X  

3946 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 3946
Description  Half-Bridge Power MOSFET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3946 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 3946 Datasheet HTML 2Page - Allegro MicroSystems 3946 Datasheet HTML 3Page - Allegro MicroSystems 3946 Datasheet HTML 4Page - Allegro MicroSystems 3946 Datasheet HTML 5Page - Allegro MicroSystems 3946 Datasheet HTML 6Page - Allegro MicroSystems 3946 Datasheet HTML 7Page - Allegro MicroSystems 3946 Datasheet HTML 8Page - Allegro MicroSystems 3946 Datasheet HTML 9Page - Allegro MicroSystems 3946 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
3946
Half-Bridge Power MOSFET Controller
Dead Time. The analog input pin DT sets the delay to turn
on the high- or low-side gate outputs. When instructed to
turn off, the gate outputs change after an short internal propa-
gation delay (90 ns typical). The dead time controls the time
between this turn-off and the turn-on of the appropriate gate.
The duration, t
DEAD, can be adjusted within the range 350 ns
to 6000 ns using the following formula:
t
DEAD = 50 + (RDEAD ⁄ 16.7 )
where t
DEAD is in ns, and RDEAD is in Ω, and should be in the
range 5 kΩ < R
DEAD < 100 kΩ.
Do not ground the DT pin. If the DT pin is left open, dead
time defaults to 12 µs.
Control Logic. Two different methods of control are
possible with the A3946. When a resistor is connected from
DT to ground, a single-pin PWM scheme is utilized by short-
ing IN1 with IN2. If a very slow turn-on is required (greater
than 6 µs), the two input pins can be hooked-up individually
to allow the dead times to be as long as needed.
The dead time circuit can be disabled by tying the DT pin
to VREF. This disables the turn-on delay and allows direct
control of each MOSFET gate via two control lines. This is
shown in the Control Logic table, on page 2.
Top-Off Charge Pump. An internal charge pump allows
100% duty cycle operation of the high-side MOSFET. This is
a low-current trickle charge pump, and is only operated after
a high-side has been signaled to turn on. A small amount
of bias current (< 200 µA) is drawn from the BOOT pin
to operate the floating high-side circuit. The charge pump
simply provides enough drive to ensure that the gate voltage
does not droop due to this bias supply current. The charge
required for initial turn-on of the high-side gate must be sup-
plied by bootstrap capacitor charge cycles. This is described
in the section Application Information.
VREF. VREF is used for the internal logic circuitry and
is not intended as an external power supply. However,
the VREF pin can source up to 4 mA of current. A 0.1 µF
capacitor is needed for decoupling.
Fault Response Table
Fault Mode
RESET
~FAULT
VREG
VREF
GH1
GL1
No Fault
1
1
ON
ON
(IL)
(IL)
BOOT Capacitor Undervoltage2
1
0
ON
ON
0
(IL)
VREG Undervoltage3
1
0
ON
ON
0
0
VREF Undervoltage4
1
0
OFF
ON
0
0
Thermal Shutdown3
1
0
ON
ON
(IL)
(IL)
Sleep5
0
1
OFF
OFF
High Z
High Z
1
(IL) indicates that the state is determined by the input logic.
2
This fault occurs whenever there is an undervoltage on the BOOT capacitor. This fault is not latched.
3
These faults are latched. Clear by pulsing RESET = 0.
4
Unspecified VREF undervoltage threshold < 4 V.
5
During power supply undervoltage conditions, GH and GL are instructed to be 0 (low). However, with VREG < 4 V, the outputs start to be-
come high impedance (High Z). Refer to the section Sleep Mode/Power Up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com