Electronic Components Datasheet Search
  English  ▼

X  

MAX44009 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44009
Description  MAX44009 Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44009 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44009 Datasheet HTML 1Page - Maxim Integrated Products MAX44009 Datasheet HTML 2Page - Maxim Integrated Products MAX44009 Datasheet HTML 3Page - Maxim Integrated Products MAX44009 Datasheet HTML 4Page - Maxim Integrated Products MAX44009 Datasheet HTML 5Page - Maxim Integrated Products MAX44009 Datasheet HTML 6Page - Maxim Integrated Products MAX44009 Datasheet HTML 7Page - Maxim Integrated Products MAX44009 Datasheet HTML 8Page - Maxim Integrated Products MAX44009 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX44009 Evaluation Kit
General Description
The MAX44009 evaluation kit (EV kit) is a fully assembled
and tested surface-mount PCB that evaluates the
MAX44009 low-power ambient light sensor. The EV kit
can be powered directly from the universal serial bus
(USB) or from a single-supply voltage of 1.7V to 3.6V.
The EV kit provides an on-board I2C/SMBus interface
and is connected to the computer through the USB port.
The EV kit includes Windows XPM-, Windows VistaM-,
and WindowsM 7-compatible software that provides
a simple user interface for exercising the device’s
features. The program is menu driven and offers a
graphical user interface (GUI) complete with control
buttons and status displays.
The on-board device can also be controlled by an
external master, allowing users to test different code
implementations to interface with the part.
Features
S
Powered Directly from a USB Port
S
On-Board Microcontroller to Generate I2C
Commands
S
Easy-to-Use, Menu-Driven Software
S
Surface-Mount Components
S
Proven PCB Layout
S
Fully Assembled and Tested
Ordering Information
#Denotes RoHS compliant.
Windows, Windows XP, and Windows Vista are registered
trademarks of Microsoft Corp.
Component List
19-5809; Rev 0; 3/11
PART
TYPE
MAX44009EVKIT#
EV Kit
DESIGNATION
QTY
DESCRIPTION
C1, C12, C14,
C30
4
10FF Q10%, 16V X5R ceramic
capacitors (0805)
Murata GRM21BR61C106K
C2, C3
2
22pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H220J
C4
1
0.033FF Q10%, 16V X5R ceram-
ic capacitor (0603)
Taiyo Yuden EMK107BJ333KA
C5–C10, C17,
C18
8
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C11, C13, C19,
C29
4
1FF Q10%, 16V X5R ceramic
capacitors (0603)
TDK C1608X5R1C105K
DESIGNATION
QTY
DESCRIPTION
C15, C16
2
10pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H100J
C20
0
Not installed, ceramic capacitor
(0603)
H1
0
Not installed, 2 x 5-pin JTAG
header
JU1–JU4
4
3-pin headers
JU5
1
2-pin header
L1
1
Ferrite bead (0603)
TDK MMZ1608R301A
P1
1
Mini-USB type-B connector
R1, R2
2
27I Q5% resistors (0603)
R3, R13, R16
3
1.5kI Q5% resistors (0603)
R4
1
470I Q5% resistor (0603)


Similar Part No. - MAX44009

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44009 MAXIM-MAX44009 Datasheet
2Mb / 20P
Industry?셲 Lowest-Power Ambient Light Sensor with ADC
Rev 0; 1/11
MAX44009EDT+ MAXIM-MAX44009EDT+ Datasheet
2Mb / 20P
Industry?셲 Lowest-Power Ambient Light Sensor with ADC
Rev 0; 1/11
More results

Similar Description - MAX44009

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com