Electronic Components Datasheet Search
  English  ▼

X  

MAX77387 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77387
Description  Dual-Phase Adaptive DC-DC Step-Up Converter With 2x 1000mA High-Side Current Regulators
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77387 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77387 Datasheet HTML 17Page - Maxim Integrated Products MAX77387 Datasheet HTML 18Page - Maxim Integrated Products MAX77387 Datasheet HTML 19Page - Maxim Integrated Products MAX77387 Datasheet HTML 20Page - Maxim Integrated Products MAX77387 Datasheet HTML 21Page - Maxim Integrated Products MAX77387 Datasheet HTML 22Page - Maxim Integrated Products MAX77387 Datasheet HTML 23Page - Maxim Integrated Products MAX77387 Datasheet HTML 24Page - Maxim Integrated Products MAX77387 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
MAX77387
Dual-Phase Adaptive DC-DC Step-Up Converter
With 2x 1000mA High-Side Current Regulators
21
Maxim Integrated
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 3.6V, TA = +25NC, unless otherwise noted.
MAX77387 toc48
500mA/div
2V/div
20mV/div
AC-COUPLED
IOUT = 1000mA, VOUT = 4.5V, VIN = 3.4V
400ns/div
0A
0V
VOUT
VLXA
ILXA
ILXB
HEAVY-LOAD SWITCHING
WAVEFORMS (2MHz,FPWM)
MAX77387 toc49
500mA/div
2V/div
20mV/div
AC-COUPLED
VIN = 2.5V, VOUT = 4.5V
200ns/div
0V
0A
VOUT
VLXA
ILXA
ILXB
1.25A CURRENT LIMIT
MAX77387 toc50
500mA/div
2V/div
20mV/div
AC-COUPLED
VIN = 3V, VOUT = 5V
200ns/div
0A
0V
VOUT
VLXA
ILXA
ILXB
1.5A CURRENT LIMIT
MAX77387 toc52
500mA/div
2V/div
20mV/div
AC-COUPLED
VIN = 3V, VOUT = 5V
200ns/div
0A
0V
VOUT
VLXA
ILXA
ILXB
2A CURRENT LIMIT
MAX77387 toc51
500mA/div
2V/div
20mV/div
AC-COUPLED
200ns/div
0A
0V
VOUT
VLXA
ILXA
ILXB
VIN = 3V, VOUT = 5V
1.75A CURRENT LIMIT
LED CURRENT RIPPLE (4MHz, FWPM)
MAX77387 toc53
10mA/div
10mA/div
10mV/div
AC-COUPLED
2x IFLED = 100mA
VIN = 3.6V
VOUT
IFLED1
IFLED2
4µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com