Electronic Components Datasheet Search
  English  ▼

X  

AD5620 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5620
Description  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5620 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5620 Datasheet HTML 8Page - Analog Devices AD5620 Datasheet HTML 9Page - Analog Devices AD5620 Datasheet HTML 10Page - Analog Devices AD5620 Datasheet HTML 11Page - Analog Devices AD5620 Datasheet HTML 12Page - Analog Devices AD5620 Datasheet HTML 13Page - Analog Devices AD5620 Datasheet HTML 14Page - Analog Devices AD5620 Datasheet HTML 15Page - Analog Devices AD5620 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5620/AD5640/AD5660
Rev. A | Page 12 of 24
TEMPERATURE (
°C)
10
4
6
8
2
–10
–8
–6
–4
–2
0
–15
25
5
45
65
85
105
VDD = 5V
MAX INL
MAX DNL
MIN INL
MIN DNL
Figure 17. INL Error and DNL Error vs. Temperature
TEMPERATURE (
°C)
0.5
0.2
0.3
0.4
0.1
–0.5
–0.4
–0.3
–0.2
–0.1
0
–15
25
5
45
65
85
105
VDD = 5V
GAIN ERROR
FULL-SCALE ERROR
Figure 18. Gain Error and Full-Scale Error vs. Temperature
TEMPERATURE (
°C)
2.5
1.5
0.5
–3.5
–2.5
–1.5
–0.5
–15
25
5
45
65
85
105
VDD = 5V
ZERO-CODE ERROR
OFFSET ERROR
Figure 19. Zero-Code and Offset Error vs. Temperature
IDD (mA)
200
180
160
140
100
120
80
20
40
60
0
VDD = 5V
TA = 25°C
VDD = 3.3V
Figure 20. IDD Histogram
CURRENT (mA)
0.50
0.40
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
–10
–8–6
–4–2
0
2
4
8
610
VDD = 3V
VREFOUT = 1.25V
VDD = 5V
VREFOUT = 2.5V
DAC LOADED WITH
ZERO-SCALE
SINKING CURRENT
DAC LOADED WITH
FULL-SCALE
SOURCING CURRENT
Figure 21. Headroom at Rails vs. Source and Sink
CURRENT (mA)
6.00
5.00
4.00
3.00
2.00
1.00
–1.00
0
–30
–20
–10
0
10
20
30
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
ZERO SCALE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
Figure 22. Source and Sink Capability—AD5660-2/AD5660-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com