Electronic Components Datasheet Search
  English  ▼

X  

A3946KLP Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3946KLP
Description  Half-Bridge Power MOSFET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3946KLP Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3946KLP Datasheet HTML 4Page - Allegro MicroSystems A3946KLP Datasheet HTML 5Page - Allegro MicroSystems A3946KLP Datasheet HTML 6Page - Allegro MicroSystems A3946KLP Datasheet HTML 7Page - Allegro MicroSystems A3946KLP Datasheet HTML 8Page - Allegro MicroSystems A3946KLP Datasheet HTML 9Page - Allegro MicroSystems A3946KLP Datasheet HTML 10Page - Allegro MicroSystems A3946KLP Datasheet HTML 11Page - Allegro MicroSystems A3946KLP Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
3946
Half-Bridge Power MOSFET Controller
L
P
L
P
VREG
C
BOOT
+VBAT
+5 Vref
Charge
Pump
BOOT
GH
S
GL
LGND
VREG
CP1
CP2
Charge
Pump
RESET
Protection
VREG Undervoltage
Overtemperature
UVLOBOOT
IN2
~FAULT
DT
Control
Logic
Turn-On
Delay
IN1
R
DEAD
15.8 k
Ω
VREF
Bootstrap
UVLO
10
k
Ω
C
REG
C1
0.47 µF
R
GATE
R
GATE
I
LIM
High Side
Driver
Low Side
Driver
C2
10 µF
0.1 uF
VREF
10 µF
IRF2807
IRF2807
0.47 µF
33
Ω
200
k
Ω
33
Ω
External
+5 V
IN
IN
Brake
Forward
M
DC
Motor
PGND
L
P
L
L
L
L
P
P
L
P
Application Block Diagrams
Diagram A. Dependent drivers. Unidirectional motor control with braking and dead time. T
DEAD = 1 µs; QTOTAL = 160 nC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com